Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAXQ3180-RAN+ Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 23Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 24Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 25Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
23
Table 2. Command Format for SPI Register Write
BYTE
TRANSFERS
BIT
DESCRIPTION
7:6
Command code:
00 Read
01 Reserved
10 Write
11 Reserved
5:4
Data Length:
00 1 Byte
01 2 Bytes
10 4 Bytes
11 8 Bytes
1st byte
Master sends command;
Slave sends 0xC1 byte
3:0
MSB portion of data address.
2nd byte
Master sends address;
Slave sends 0xC2 byte
7:0
LSB portion of data address.
3rd byte
(1st data byte)
Master sends data;
Slave sends ACK (0x41)
7:0
Data, LSB
...
...
...
...
Nth byte
(Last data byte)
Master sends data;
Slave sends ACK (0x41)
7:0
Data, MSB
(N + 1) byte
Master sends CRC;
Slave sends ACK (0x41)
7:0
Optional CRC
Sync bytes
Master sends dummy;
Slave sends ACK (0x41) or
NACK (0x4E) byte
7:0
Master sends dummy byte; Slave responds with NACK if busy,
or with ACK when processing complete.
Master must receive ACK before starting the next transaction.
example, if synchronization is lost), the host only needs
to wait for the SPI to time out before restarting commu-
nication from the first command byte. SPI timeout count
starts after receiving the first command byte from the
master (after the 8th SPI clock of the first byte). The
count stops and clears after receiving the last byte of a
transaction (after the 8th SPI clock of the last byte).
If the timeout count expires (exceeds COM_TIMO)
before the transaction completes, the MAXQ3180 aban-
dons the unfinished transaction and resets the SPI logic
to be ready for the next transaction. The default SPI
timeout is 320ms.
Optionally, a CRC byte can be appended to each
transaction. For write commands, the CRC byte is sent
by the master, and for read commands the CRC byte is
sent by the MAXQ3180. The CRC mode is enabled
when the CRCEN bit is set to 1 in OPMODE1 register.
Otherwise, the MAXQ3180 assumes no CRC byte is
used. The 8-bit CRC is calculated for all bytes in a
transaction, from the first command byte sent by the
master through the last data byte excluding sync bytes,
using the polynomial P = x8 + x5 + x4 + 1. If the trans-
mitted CRC byte does not match the calculated CRC
byte (for a write command), the MAXQ3180 ignores the
command.
The length of the transfer is defined by the first com-
mand byte and the status of the CRCEN bit in the
OPMODE1 register. There is no special synchronization
mechanism provided in this simple protocol. Therefore,
the master is responsible for sending/receiving the cor-
rect number of bytes. If the master mistakenly sends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com