Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAXQ3180-RAN+ Datasheet(PDF) 56 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 56 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 52Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 53Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 54Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 55Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 56Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 57Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 58Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 59Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 60Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
56
______________________________________________________________________________________
• Power (active, reactive, and apparent) for each
phase
• Energy accumulation (including energy pulse output
function)
• Overvoltage detection
• Overcurrent detection
• Undervoltage detection
Per Sample Operations
On every ADC frame, the input samples are processed
as follows:
• The voltage and current samples are read. The cur-
rent sample is shifted to account for the gain applied
in the PGA. The phase- and gain-corrected samples
are passed to the next stage.
• Both the current and voltage signals are passed
through highpass filters (HPF) specified by the
HPF_C variable.
• The current and voltage signals are now split into
several components. The first of these components is
squared and accumulated to begin the RMS current
and voltage process. The second is processed and
accumulated to begin the real/reactive power calcu-
lation. And a third is processed through a peak filter
(specified by B0FUND and A1FUND registers) and
then accumulated to provide information for the fun-
damental frequency power calculations.
The result is a set of accumulated values that represent
squared voltage, squared current, and real (active) and
reactive (P and Q) energies for both the entire usable
spectrum and as filtered by the peak filter. The real and
imaginary components of energy at this point do not yet
represent real and reactive power; to obtain usable
power values further processing is required. Each of
these values is further processed at the end of each
DSP cycle.
Per DSP Cycle Operations
At the end of each DSP cycle, accumulated information
is available that is used to calculate all other opera-
tional results in the meter. DSP cycles track the line fre-
quency and have a duration of the number of cycles
specified in the CYCNT register. On each phase, the
time required for CYCNT cycles to complete is calculat-
ed and this value is used to update the duration of one
DSP cycle, specified in the NS register.
NS contains the number of ADC frame periods in a sin-
gle DSP cycle. Because line frequency varies slightly
from cycle to cycle, and because the ADC frame clock
is not synchronized to the line, the value of NS is not an
integer, and varies slightly from DSP cycle to DSP cycle.
Because the value of NS is so critical to accurate calcu-
lation of energy, ensuring that it is correct on every
cycle is essential. There are two ways to manage the
slight variation of NS from cycle to cycle: first, one
could simply replace the old value of NS with the newly
calculated value on each DSP cycle. This means that
NS (and every other value in the meter, since they
depend on NS) would have a significant amount of
uncertainty. A better method is to use each newly cal-
culated value of NS as an input to a filter. The
output of
the filter is then the value of NS that is actually used in
calculations. In the MAXQ3180, this filter is controlled
by the AVG_NS register.
CURRENT INPUT
ADC
HPF
BPF
BPF
EP
I2
EQ
X2
V2
X2
EPF
EQF
VOLTAGE INPUT
HPF
GAIN SEL
I_GAIN
V_GAIN
ADC
Figure 9. Per Sample Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com