Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT8325 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT8325
Description  Dual PWM Step-Down DC/DCs in TDFN33
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8325 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT8325 Datasheet HTML 1Page - Active-Semi, Inc ACT8325 Datasheet HTML 2Page - Active-Semi, Inc ACT8325 Datasheet HTML 3Page - Active-Semi, Inc ACT8325 Datasheet HTML 4Page - Active-Semi, Inc ACT8325 Datasheet HTML 5Page - Active-Semi, Inc ACT8325 Datasheet HTML 6Page - Active-Semi, Inc ACT8325 Datasheet HTML 7Page - Active-Semi, Inc ACT8325 Datasheet HTML 8Page - Active-Semi, Inc ACT8325 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACT8325
Rev0, 13-May-08
Active-Semi
Innovative Power
TM
- 3 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
ORDERING INFORMATION
PIN CONFIGURATION
Thin - DFN (TDFN 33-10)
10
9
7
6
8
1
2
3
4
5
ACT8325
VP1
SW1
SW2
GP12
VP2
FB1
ON2
GA
ON1
FB2
TOP VIEW
PART
NUMBER
VOUT1
VOUT2
PACKAGE
PINS
TEMPERATURE
RANGE
ACT8325NDAAA-T
Adjustable
Adjustable
TDFN33-10
10
-40°C to +85°C
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders.
Additional output voltage options, as detailed in the Output Voltage Codes table, are available for production subject to minimum order
quantities. Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
OUTPUT VOLTAGE CODES
A
C
D
E
F
I
Q
G
H
Adjustable
1.2V
1.5V
1.8V
2.5V
2.8V
2.85V
3.0V
3.3V
J
1.4V
P
1.3V
Active-Semi



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com