Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT8325 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8325
Description  Dual PWM Step-Down DC/DCs in TDFN33
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8325 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8325 Datasheet HTML 1Page - Active-Semi, Inc ACT8325 Datasheet HTML 2Page - Active-Semi, Inc ACT8325 Datasheet HTML 3Page - Active-Semi, Inc ACT8325 Datasheet HTML 4Page - Active-Semi, Inc ACT8325 Datasheet HTML 5Page - Active-Semi, Inc ACT8325 Datasheet HTML 6Page - Active-Semi, Inc ACT8325 Datasheet HTML 7Page - Active-Semi, Inc ACT8325 Datasheet HTML 8Page - Active-Semi, Inc ACT8325 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
ACT8325
Dual PWM Step-Down DC/DCs in TDFN33
Rev0, 13-May-08
SYSTEM BLOCK DIAGRAM
FEATURES
Multiple Patents Pending
Two Integrated Step-Down DC/DC Converters
− REG1: 350mA
− REG2: 550mA
180° Out-of-Phase Operation
− Reduces Input Capacitor Requirements
Fixed or Adjustable Output Voltage Options
Independent Enable/Disable Control
Minimal External Components
3x3mm, Thin-DFN (TDFN33-10) Package
− Only 0.75mm Height
− RoHS-Compliant
APPLICATIONS
Portable Devices and PDAs
MP3/MP4 Players
Wireless Handhelds
GPS Receivers
GENERAL DESCRIPTION
The patent-pending ACT8325 integrates two step-
down DC/DCs into a single, thin, space-saving
package to provide a cost-effective, highly-efficient
ActivePMU
TM power management solution. This
device is ideal for a wide range of portable hand-
held equipment that can benefit from the advan-
tages of ActivePMU technology but do not require a
high level of integration.
REG1 and REG2 are fixed-frequency, current-mode
PWM step-down DC/DC converters that are opti-
mized for high efficiency and are capable of supply-
ing up to 350mA and 550mA, respectively. Both
outputs are available in a wide range of factory-
preset output voltage options, and an adjustable
output voltage mode is also available.
The ACT8325 is available in a tiny 3mm x 3mm
10-pin Thin-DFN package that is just 0.75mm thin.
Active-Semi
ON1
ON2
ACT8325
System
Control
REG1
Step-Down
DC/DC
REG2
Step-Down
DC/DC
Battery
OUT1
Adjustable, or
1.2V to 3.3V
Up to 350mA
OUT2
Adjustable, or
1.2V to 3.3V
Up to 550mA
TM
PMU
PMU
Active


Similar Part No. - ACT8325

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8325 ACTIVE-SEMI-ACT8325 Datasheet
80Kb / 2P
Dual PWM Step-Down DC/DCs in TDFN33
16-Nov-07
ACT8325 ACTIVE-SEMI-ACT8325 Datasheet
241Kb / 11P
Dual PWM Step-Down DC/DCs in TDFN33
Rev 2, 25-May-11
ACT8325NDAAA-T ACTIVE-SEMI-ACT8325NDAAA-T Datasheet
241Kb / 11P
Dual PWM Step-Down DC/DCs in TDFN33
Rev 2, 25-May-11
ACT8325NDEH-T ACTIVE-SEMI-ACT8325NDEH-T Datasheet
241Kb / 11P
Dual PWM Step-Down DC/DCs in TDFN33
Rev 2, 25-May-11
ACT8325 ACTIVE-SEMI-ACT8325_11 Datasheet
241Kb / 11P
Dual PWM Step-Down DC/DCs in TDFN33
Rev 2, 25-May-11
More results

Similar Description - ACT8325

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8325 ACTIVE-SEMI-ACT8325 Datasheet
80Kb / 2P
Dual PWM Step-Down DC/DCs in TDFN33
16-Nov-07
ACT6330 ACTIVE-SEMI-ACT6330 Datasheet
104Kb / 2P
Dual PWM Step-Up DC/DCs in TQFN33
02-Apr-08
ACT8309 ACTIVE-SEMI-ACT8309 Datasheet
363Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev PrA, 24-Jan-08
ACT6330 ACTIVE-SEMI-ACT6330_08 Datasheet
312Kb / 14P
Dual PWM Step-Up DC/DCs in TQFN33
Rev0, 02-Apr-08
logo
Diodes Incorporated
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
logo
Active-Semi, Inc
ACT8309 ACTIVE-SEMI-ACT8309_10 Datasheet
359Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8325 ACTIVE-SEMI-ACT8325_11 Datasheet
241Kb / 11P
Dual PWM Step-Down DC/DCs in TDFN33
Rev 2, 25-May-11
ACT8309 ACTIVE-SEMI-ACT8309_12 Datasheet
363Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
ACT8309 ACTIVE-SEMI-ACT8309_14 Datasheet
363Kb / 11P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com