Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT8325 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8325
Description  Dual PWM Step-Down DC/DCs in TDFN33
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8325 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8325 Datasheet HTML 1Page - Active-Semi, Inc ACT8325 Datasheet HTML 2Page - Active-Semi, Inc ACT8325 Datasheet HTML 3Page - Active-Semi, Inc ACT8325 Datasheet HTML 4Page - Active-Semi, Inc ACT8325 Datasheet HTML 5Page - Active-Semi, Inc ACT8325 Datasheet HTML 6Page - Active-Semi, Inc ACT8325 Datasheet HTML 7Page - Active-Semi, Inc ACT8325 Datasheet HTML 8Page - Active-Semi, Inc ACT8325 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ACT8325
Rev0, 13-May-08
Active-Semi
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
VP1
Power Input for REG1. Bypass to GP12 with a high quality ceramic capacitor placed as close as
possible to the IC.
2
SW1
Switching Node Output for REG1. Connect this pin to the switching end of the inductor.
3
GP12
Power Ground for REG1, REG2. Connect GA and GP12 together at single point as close to the
IC as possible.
4
SW2
Switching Node Output for REG2. Connect this pin to the switching end of the inductor.
5
VP2
Power Input for REG2. Bypass to GP12 with a high quality ceramic capacitor placed as close as
possible to the IC.
6
FB2
Feedback Node for REG2. For fixed output voltage options, connect this pin directly to the out-
put. For the adjustable output voltage options the voltage at this pin is regulated to 0.625V, con-
nect this pin to the center of the output feedback resistor divider for voltage setting.
7
GA
Analog Ground. Connect GA directly to a quiet ground node. Connect GA and GP12 together at
a single point as close to the IC as possible.
8
ON1
Enable Control Input for REG1. Drive ON1 to VP1 or to a logic high for normal operation, drive to
GA or to a logic low to disable REG1.
9
ON2
Enable Control Input for REG2. Drive ON2 to VP1or to a logic high for normal operation, drive to
GA or to a logic low to disable REG2.
10
FB1
Feedback Node for REG1. For fixed output voltage options, connect this pin directly to the out-
put. For the adjustable output voltage options the voltage at this pin is regulated to 0.625V, con-
nect this pin to the center of the output feedback resistor divider for voltage setting.
EP
EP
Exposed Pad. Must be soldered to ground on PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com