Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CB3216PA310 Datasheet(PDF) 1 Page - SAMWHA ELECTRIC

Part # CB3216PA310
Description  BEADS, For Power Line
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB3216PA310 Datasheet(HTML) 1 Page - SAMWHA ELECTRIC

  CB3216PA310 Datasheet HTML 1Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 2Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 3Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 4Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 5Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 6Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 7Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 8Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SAMWHA ELECTRONICS CO., LTD
v Applications
v Features
v Dimensions
Power Line Series
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
• PDP/LCD Monitor, Digital TV/VCR etc.
L
W
T
B
(unit : mm)
• High impedance characteristics
• Low Rdc, High Current characteristics
• Good reliability (Monolithic structure)
• Magnetically shielded
• Fast mounting speed
• RoHS compliant
v General Code
Series Code
CB : Chip Ferrite Beads
Dimension Code
The first two digits : length(mm)
The last two digits : width(mm)
Application Code
G : Signal Line
P : High Current Line
U : Ultra High Current Line
Material Code
A: General Frequency
K,J: Medium Frequency
M: High Frequency
V: Very High Frequency
Impedance Value Code
The first two digits represents significant
The last digit is the number of zeros following
ex) 601 = 600 (Ω)
Packaging Code
T : Reel paper packaging
E : Reel embossed tape packaging
CB
1
2012
P
601
T
2
3
5
6
1
2
3
4
5
6
J
4
v Temperature Range
• Operating Temp. -55 ~ +125℃
• Storage Temp. -10 ~ +40 ℃
v Typical Material Characteristics
A
J,K
M
V
High μ
Low μ
(Low RXCP)
(High RXCP)
DPS-081104
CHIP BEADS
0.85±0.2
0.5±0.3
1.3±0.20
1.6±0.20
4.5±0.25
4516
0.25±0.1
0.5±0.10
0.5±0.10
1.0±0.10
1005
0.5±0.3
1.1±0.20
1.6±0.20
3.2±0.20
3216
0.3±0.2
0.8±0.15
0.8±0.15
1.6±0.15
1608
0.5±0.3
1.25±0.2
2.0±0.20
2012
1.5±0.25
T
0.5±0.3
3.2±0.25
4.5±0.25
4532
B
W
L
Size


Similar Part No. - CB3216PA310

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CB3216GA102 SAMWHA-CB3216GA102 Datasheet
822Kb / 22P
BEADS, For Signal Line
CB3216GA121 SAMWHA-CB3216GA121 Datasheet
822Kb / 22P
BEADS, For Signal Line
CB3216GA151 SAMWHA-CB3216GA151 Datasheet
822Kb / 22P
BEADS, For Signal Line
CB3216GA201 SAMWHA-CB3216GA201 Datasheet
822Kb / 22P
BEADS, For Signal Line
CB3216GA301 SAMWHA-CB3216GA301 Datasheet
822Kb / 22P
BEADS, For Signal Line
More results

Similar Description - CB3216PA310

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
Chip Beads(SMD) For Power Line
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012_06 Datasheet
65Kb / 2P
Chip Beads(SMD) For Power Line
logo
SAMWHA ELECTRIC
CB1005GA100 SAMWHA-CB1005GA100 Datasheet
822Kb / 22P
BEADS, For Signal Line
logo
TDK Electronics
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
Chip Beads For Power Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
Chip Beads For power line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
Chip Beads(SMD) For Power Line
HF50ACC322513-T TDK-HF50ACC322513-T Datasheet
98Kb / 4P
Chip Beads For Power Line
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
Chip Beads For power line
MPZ2012 TDK-MPZ2012 Datasheet
185Kb / 4P
Chip beads For power line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com