Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CB3216PA310 Datasheet(PDF) 2 Page - SAMWHA ELECTRIC

Part # CB3216PA310
Description  BEADS, For Power Line
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB3216PA310 Datasheet(HTML) 2 Page - SAMWHA ELECTRIC

  CB3216PA310 Datasheet HTML 1Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 2Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 3Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 4Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 5Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 6Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 7Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 8Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SAMWHA ELECTRONICS CO., LTD
v 1608 SIZE
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
※
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
1000
0.12
120
CB1608PJ121
2000
0.05
30
CB1608PJ300
1000
0.10
60
CB1608PJ600
2000
0.05
10
CB1608PK100
2000
0.05
30
CB1608PK300
1000
0.08
60
CB1608PK600
800
0.10
120
CB1608PK121
800
0.12
180
CB1608PK181
800
0.12
180
CB1608PA181
800
0.10
120
CB1608PA121
2000
0.05
10
CB1608PA100
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
800
0.12
120
CB1608PM121
1000
0.08
60
CB1608PM600
1500
0.06
30
CB1608PM300
1000
0.08
60
CB1608PA600
100
2000
0.05
30
CB1608PA300
DPS-081104
CHIP BEADS, For Power Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com