Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CB3216PA310 Datasheet(PDF) 4 Page - SAMWHA ELECTRIC

Part # CB3216PA310
Description  BEADS, For Power Line
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB3216PA310 Datasheet(HTML) 4 Page - SAMWHA ELECTRIC

  CB3216PA310 Datasheet HTML 1Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 2Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 3Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 4Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 5Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 6Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 7Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 8Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SAMWHA ELECTRONICS CO., LTD
v 2012 SIZE
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
※
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
1500
0.150
800
CB2012PJ801
100
1500
0.100
600
CB2012PJ601
2500
0.050
120
CB2012PM121
70
500
0.300
2000
CB2012PK202
2500
0.050
120
CB2012PK121
2000
0.070
300
CB2012PM301
1500
0.130
600
CB2012PM601
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
2000
0.080
15
CB2012PK150
3000
0.015
30
CB2012PK300
3000
0.025
60
CB2012PK600
2000
0.050
180
CB2012PK181
3000
0.020
60
CB2012PM600
1000
0.250
1000
CB2012PK102
1500
0.130
600
CB2012PK601
2000
0.070
300
CB2012PK301
2000
0.050
220
CB2012PK221
2000
0.050
220
CB2012PM221
1500
0.130
600
CB2012PA601
2000
0.100
300
CB2012PA301
2000
0.050
220
CB2012PA221
2500
0.050
120
CB2012PA121
3000
0.025
60
CB2012PA600
3000
0.015
30
CB2012PA300
100
3000
0.007
11
CB2012PA110
DPS-081104
CHIP BEADS, For Power Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com