Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS2523 Datasheet(PDF) 9 Page - ams AG

Part # AS2523
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2523 Datasheet(HTML) 9 Page - ams AG

Back Button AS2523 Datasheet HTML 5Page - ams AG AS2523 Datasheet HTML 6Page - ams AG AS2523 Datasheet HTML 7Page - ams AG AS2523 Datasheet HTML 8Page - ams AG AS2523 Datasheet HTML 9Page - ams AG AS2523 Datasheet HTML 10Page - ams AG AS2523 Datasheet HTML 11Page - ams AG AS2523 Datasheet HTML 12Page - ams AG AS2523 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet AS2523, AS2524, AS2524B
austriamicrosystems
Serial interface Registers
The following table shows the content of the 16 control registers.
Control registers AS2523
A AAA
DDDD
3210
3210
0000
Nop
na
na
0001
na
na
0010
na
na
0011
na
na
0100
xxxx
Conf-Tone:
0... No Conf Tone 1... Conf Tone
0111
0111
LIV: Voltage at pin LI
0...3.5V, 1...4.5V
LLC1 LLC0: Line loss compensation setting
0
0
20mA-50mA
0
1
NO Line loss compensation
1
0
45-75mA
1
1
NO Line loss compensation
0101
BURS: Analog tone at RO
0...OFF,
1...ON
BURL: Analog tone at LS
0...OFF,
1...ON
CT1 CT0: @RO
@LS
0
0
-36dB
-15dB
TONE-confidence level
0
1
-30dB
-9dB
rel. to pin LS
1
0
-24dB
-3dB
1
1
-18dB
+3dB
0001
0001
0110
xxxx
Softclip-settings, Tx_comp_gain settings
1000
1000
Bit1 Bit0 :Tx_comp_gain
0
0
+8dB
0
1
+11dB
1
0
+14dB
1
1
+17dB
SOFTRX: Softclip RX
0...OFF,
1...ON
SOFTTX: Softclip TX
0...OFF,
1...ON
0
111
Bit1 Bit0: Rx-offset setting
0
0
0mV
0
1
12mV
1
0
40mV
1
1
100mV
Delay_10ms
0... no delay
1... 10ms delay
Bnon
0... BGN off
1... BGN on
0101
1100
1000
16 gains
Handsfree receive endgain
1111
1011
Data
RXgain
TXgain
0x0
-20dB
-30dB
Min. receive volume
:
:
0xF
+0dB
-50dB
Max. receive volume
1001
xxxx
0000
1100
off1 off0: BGN-offset
0
0
120mV
0
1
180mV
1
0
240mV
1
1
300mV
Hfs1 HFs0: Speed of voice switching
0
0
max speed
0
1
1
0
1
1
min speed
1010
16 gains
Transmit gain [16], 16 steps, 1dB stepsize
0111
0111
Data
HS-mode
HF-mode
0x0
30dB
39dB
:
:
:
0xF
45dB
54dB
1011
16 gains
Receive gain [16], 16 steps, 1dB stepsize
1111
1111
Data
HS-mode
HF-mode
0x0
-6dB
19dB
:
:
:
0xF
+9dB
34dB
Address
Data
for AS2523,
AS2524HF
for AS2524 LH bond
option
Default value
after reset
1
100
HP_on
:
0... fg=200Hz
1... fg=2000Hz
rec_on :
0... Rxcomp=AGND
1... Rxcomp=RECV
Mute
:
0... No mute
1... Tx-path muted
Tone
:
0... Tx-signal path 1... Ton in signal path
0100
1000
1101
xxxx
Mask, Lh, Hf, Hook Switch
0100
0101
Mask:
0... No mask
1... Mask acitivated
His
HF
LH: Hook functions
0
x
x
Power down
1
0
0
Handset
1
0
1
not allowed
1
1
0
Handsfree
1
1
1
Loudhearing
1110
xxxx
0000
0001
slow_rec: fast change to TX, slow change to RX, no IDLE
Krat5,Test3,Test2: For factory test only !
1111
x
x
x
x
Reset to defaults
na
na
For a detailed description of the commands see Application note AN523/24.
Revision 1.13
Page 9 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com