Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS2523 Datasheet(PDF) 2 Page - ams AG

Part # AS2523
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2523 Datasheet(HTML) 2 Page - ams AG

  AS2523 Datasheet HTML 1Page - ams AG AS2523 Datasheet HTML 2Page - ams AG AS2523 Datasheet HTML 3Page - ams AG AS2523 Datasheet HTML 4Page - ams AG AS2523 Datasheet HTML 5Page - ams AG AS2523 Datasheet HTML 6Page - ams AG AS2523 Datasheet HTML 7Page - ams AG AS2523 Datasheet HTML 8Page - ams AG AS2523 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Data Sheet AS2523, AS2524, AS2524B
austriamicrosystems
Pin description
Pin #
Symbol
Function
15
LS
Line Current Sense Input
Analog input for sensing the line current
12
LI
Line Input
Analog input used for power extraction and line current sensing
13
RI
Receive Input
Analog input for ac-separated receive signal
9
STB
Side Tone Balance Input
Analog input for side tone cancellation network
10
CS
Current Shunt Control Output
N-channel open drain output to control the external high power shunt transistor for
synthesizing AC- and DC-impedance, modulation of line voltage and shorting the line during
make periods of pulse dialing
16
CI
Complex Impedance Input
Analog input pin for the capacitor to program a complex impedance
14
SS
Supply Source Control Output
N-channel open drain output to control the external high power source transistor for supplying
(Vpp) the loudspeaker amplifier in off-hook loudspeaking/handsfree mode
11
VSS
Voltage Source Source
Negative Analog Power Supply
18
VDD
Voltage Drain Drain
Positive Analog Power Supply
19
AGND
Analog Ground
Special ground for the internal amplifiers
8
M1
Microphone Input 1
Differential input for the handset microphone (electret)
6
M2
Microphone Input 2
Differential input for the handset microphone (electret)
7
M3
Microphone Input 3
Differential input for the handsfree microphone (electret)
5
M4
Microphone Input 4
Differential input for the handsfree microphone (electret)
17
RO
Receive Output to Handset
Output for driving a dynamic earpiece with an impedance from 150
Ω to 300Ω
Revision 1.13
Page 2 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com