Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS2523 Datasheet(PDF) 3 Page - ams AG

Part # AS2523
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2523 Datasheet(HTML) 3 Page - ams AG

  AS2523 Datasheet HTML 1Page - ams AG AS2523 Datasheet HTML 2Page - ams AG AS2523 Datasheet HTML 3Page - ams AG AS2523 Datasheet HTML 4Page - ams AG AS2523 Datasheet HTML 5Page - ams AG AS2523 Datasheet HTML 6Page - ams AG AS2523 Datasheet HTML 7Page - ams AG AS2523 Datasheet HTML 8Page - ams AG AS2523 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet AS2523, AS2524, AS2524B
austriamicrosystems
Pin #
Symbol
Function
25
xCS
Chip Select on AS2523
Chip select input of the serial interface. Internal pull-up resistor ( 100kOhm )
/xMUTE
Mute transmit-, receive- path and activate tone path on AS2524 and AS2524B
26
DI
Data Input on AS2523
Data input of the serial interface. Internal pull-up resistor ( 100kOhm )
/xPD
Power down mode for AS2524 and AS2524B (On-hook)
27
CLK
Clock on AS2523
Clock input of the serial interface. Internal pull-up resistor ( 100kOhm )
/HFE
Handsfree mode operation on AS2524 and AS2524B
23
LO
Loudspeaker Output. Output pin is for a 25Ω loudspeaker
2
FT1
Analog input pin for connecting a capacitor for offset cancellation.
3
TXO
Analog output of the transmit signal
4
TXV
Analog input for the transmit signal in the voice switching path
1
CBN
Analog input pin for connecting a capacitor for background noise monitoring.
20
RECI
Analog input for the handsfree receive path. Should be connected to RO via coupling
capacitor.
21
RECV
Analog input for receive voice switching path.
24
VSSA
Power supply pin for LO output amplifier.
22
VPP
Power supply pin for LO output amplifier.
28
TONEIN Analog input for DTMF-signals.
Revision 1.13
Page 3 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com