Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UTCTL062 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTCTL062
Description  LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTL062 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTCTL062 Datasheet HTML 1Page - Unisonic Technologies UTCTL062 Datasheet HTML 2Page - Unisonic Technologies UTCTL062 Datasheet HTML 3Page - Unisonic Technologies UTCTL062 Datasheet HTML 4Page - Unisonic Technologies UTCTL062 Datasheet HTML 5Page - Unisonic Technologies UTCTL062 Datasheet HTML 6Page - Unisonic Technologies UTCTL062 Datasheet HTML 7Page - Unisonic Technologies UTCTL062 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UTCTL062
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R105-003,A
UTC TL062AC ELECTRICAL CHARACTERISTICS( Vcc=+-15V, Ta=25
°C, unless otherwise
specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Input Offset Voltage(Rs=50
Ω, Ta=25°C
Tmin<=Ta<=Tmax
Vio
3
6
7.5
mV
Temperature Coefficient
of Input Offset
Voltage(Rs=50
Ω)
Dvio
10
µV/°C
Input Offset Current*
Ta=25
°C
Tmin<=Ta<=Tmax
Iio
5
100
3
pA
nA
Input Bias Current*
Ta=25
°C
Tmin<=Ta<=Tmax
Iib
30
200
7
pA
nA
Input Common Mode Voltage
Vicm
+-11.5
-12~+15
V
Output Voltage Swing(RL=10k
Ω)
Ta=25
°C
Tmin<=Ta<=Tmax
Vopp
20
20
27
V
Large Signal Voltage Gain(RL=10k
Ω, Vo=+-
10V) Ta=25
°C
Tmin<=Ta<=Tmax
Avd
4
4
6
V/mV
Gain Bandwidth Product(Ta=25
°C, RL=10kΩ,
CL=100pF)
GBP
1
MHz
Input Resistance
Ri
10
12
Common Mode Rejection Ratio(RS=50
Ω)
CMR
80
86
dB
Supply Voltage Rejection Ratio(RS=50
Ω)
SVR
80
95
dB
Supply Current(Ta=25
°C, no load, no signal)
Icc
200
250
µA
Channel Separation(Av=100, Ta=25
°C)
V01/V02
120
dB
Total Power Consumption(Ta=25
°C, no load,
no signal)
PD
6
7.5
mW
Slew Rate(Vi=10V, RL=10k
Ω, CL=100pF,
Av=1)
SR
1.5
3.5
V/
µs
Rise Time(Vi=20mV, RL=10k
Ω, CL=100pF,
Av=1)
tr
0.2
µs
Overshoot Factor(Vi=20mV, RL=10k
Ω,
CL=100pF, Av=1)
Kov
10
%
Equivalent Input Noise Voltage(RS=100
Ω,
f=1KHz)
en
42
*The Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are
temperature sensitive. Pulse techniques must be used that will maintain the junction temperature as closes to the
ambient temperature as possible.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com