Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UTCTL062 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCTL062
Description  LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTL062 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCTL062 Datasheet HTML 1Page - Unisonic Technologies UTCTL062 Datasheet HTML 2Page - Unisonic Technologies UTCTL062 Datasheet HTML 3Page - Unisonic Technologies UTCTL062 Datasheet HTML 4Page - Unisonic Technologies UTCTL062 Datasheet HTML 5Page - Unisonic Technologies UTCTL062 Datasheet HTML 6Page - Unisonic Technologies UTCTL062 Datasheet HTML 7Page - Unisonic Technologies UTCTL062 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UTCTL062
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R105-003,A
LOW POWER DUAL J-FET
OPERATIONAL AMPLIFIER
DESCRIPTION
The TL062 is a high speed J-FET input dual
operational amplifier. It incorporates well matched,
high voltage J-FET and bipolar transistors in a
monolithic integrated circuit. The device features high
slew rates, low input bias and offset currents, and low
offset voltage temperature coefficient.
FEATURES
*Very low power consumption
*Wide common-mode (up to Vcc+ ) and differential
voltage range
*Low input bias and offset current
*Output short-circuit protection
*High input impedance J-FET input stage
*Internal frequency compensation
*Latch up free operation
*High slew rate: 3.5V/
µs(typ)
*Typical supply current: 200
µA
DIP-8
SOP-8
PIN CONFIGURATIONS
1
2
3
4
8
7
6
5
OUTPUT 1
INVERTING
INPUT 1
NON-
INVERTING
INPUT 1
Vcc-
Vcc+
OUTPUT 2
INVERTING
INPUT 2
NON-
INVERTING
INPUT 2


Similar Part No. - UTCTL062

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTL074 UTC-UTCTL074 Datasheet
391Kb / 9P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
More results

Similar Description - UTCTL062

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4062 NEC-UPC4062 Datasheet
295Kb / 10P
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER?
UPC4064 NEC-UPC4064 Datasheet
288Kb / 10P
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER???
logo
STMicroelectronics
TL061 STMICROELECTRONICS-TL061 Datasheet
105Kb / 9P
LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
Oct-1997
logo
Unisonic Technologies
TL062 UTC-TL062_05 Datasheet
130Kb / 8P
LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
TL072 UTC-TL072 Datasheet
270Kb / 11P
LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
TL062 UTC-TL062_09 Datasheet
314Kb / 8P
LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4062 RENESAS-PC4062_15 Datasheet
258Kb / 11P
J-FET INPUT LOW-POWER DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
TL062 UTC-TL062_15 Datasheet
314Kb / 8P
LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
TL072 UTC-TL072_15 Datasheet
154Kb / 9P
LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
logo
Guangdong Youtai Semico...
TL062 UMW-TL062 Datasheet
1Mb / 9P
Low power J-FET input operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com