Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UTCTL062 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCTL062
Description  LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTL062 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCTL062 Datasheet HTML 1Page - Unisonic Technologies UTCTL062 Datasheet HTML 2Page - Unisonic Technologies UTCTL062 Datasheet HTML 3Page - Unisonic Technologies UTCTL062 Datasheet HTML 4Page - Unisonic Technologies UTCTL062 Datasheet HTML 5Page - Unisonic Technologies UTCTL062 Datasheet HTML 6Page - Unisonic Technologies UTCTL062 Datasheet HTML 7Page - Unisonic Technologies UTCTL062 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UTCTL062
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R105-003,A
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS(Ta=25
°C )
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage (note 1)
Vcc
+-18
V
Input Voltage (note 2)
Vi
+-15
V
Differential Input Voltage (note 3)
Vid
+-30
V
Power Dissipation
Ptot
680
mW
Output Short-Circuit Duration (Note 4)
Infinite
Operating Free Air Temperature
Toper
0 to 70
°C
Storage Temperature
Tstg
-65 to 150
°C
NOTES:
1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of
the supply voltages where the zero reference level is the midpoint between Vcc- and Vcc+.
2. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts,
whichever is less.
3. Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal.
4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be
limited to ensure that the dissipation rating is not exceeded.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com