Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPR400A Datasheet(PDF) 3 Page - Microsemi Corporation

Part # TPR400A
Description  400 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TPR400A Datasheet(HTML) 3 Page - Microsemi Corporation

  TPR400A Datasheet HTML 1Page - Microsemi Corporation TPR400A Datasheet HTML 2Page - Microsemi Corporation TPR400A Datasheet HTML 3Page - Microsemi Corporation TPR400A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPR400A
Device Impedance Information
ZS
ZL
Typical Impedance Values
Frequency (MHz)
ZS(Ω)
ZL(Ω)
1030
0.96 – j3.29
1.02 – j2.51
1090
1.00 – j3.02
1.12 – j2.24
* Vcc = 50V, Pin = 45W
* Pulse Format: 10µs, 1% Long Term Duty Factor
Input
Matching
Network
Output
Matching
Network



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com