Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPR400A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # TPR400A
Description  400 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TPR400A Datasheet(HTML) 2 Page - Microsemi Corporation

  TPR400A Datasheet HTML 1Page - Microsemi Corporation TPR400A Datasheet HTML 2Page - Microsemi Corporation TPR400A Datasheet HTML 3Page - Microsemi Corporation TPR400A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPR400A
Circuit Information
TPR400A Test Circuit Component Designations and Values
Part
Description
Part
Description
C1
1000 uF Electrolytic Capcitor
Z6
1000 x 700 mils (W x L)
C2
1 uF Chip Capacitor
Z7
25 x 90 mils (W x L)
C3
33pF Chip Capacitor (ATC 100A)
Z8
325 x 120 mils (W x L)
L1, L2
4 Turns, 20AWG, IDIA 0.1”
Z9
25 x 120 mils (W x L)
Z1
25 x 630 mils (W x L)
Z10
100 x 270 mils (W x L)
Z2
300 x 315 mils (W x L)
Z11
450 x 200 mils (W x L)
Z3
25 x 305 mils (W x L)
Z12
25 x 245 mils (W x L)
Z4
330 x 130 mils (W x L)
Z13
25 x 205 mils (W x L)
Z5
1000 x 600 mils (W x L)
PCB
Duroid 5880; Er2.22, H=10mils



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com