Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5530 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5530
Description  24-bit ADC with Ultra-low-noise Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5530 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5530 Datasheet HTML 2Page - Cirrus Logic CS5530 Datasheet HTML 3Page - Cirrus Logic CS5530 Datasheet HTML 4Page - Cirrus Logic CS5530 Datasheet HTML 5Page - Cirrus Logic CS5530 Datasheet HTML 6Page - Cirrus Logic CS5530 Datasheet HTML 7Page - Cirrus Logic CS5530 Datasheet HTML 8Page - Cirrus Logic CS5530 Datasheet HTML 9Page - Cirrus Logic CS5530 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CS5530
6
DS742F3
ANALOG CHARACTERISTICS (Continued)
(See Notes 1 and 2.)
7. All outputs unloaded. All input CMOS levels.
8. Tested with 100 mV change on VA+ or VA-.
TYPICAL NOISE-FREE RESOLUTION (BITS) (See Notes 9 and 10)
9. Noise Free Resolution listed is for Bipolar operation, and is calculated as LOG((Input Span)/(6.6xRMS
Noise))/LOG(2) rounded to the nearest bit. For Unipolar operation, the input span is 1/2 as large, so one
bit is lost. The input span is calculated in the analog input span section of the data sheet. The Noise
Free Resolution table is computed with a value of 1.0 in the gain register. Values other than 1.0 will
scale the noise, and change the Noise Free Resolution accordingly.
10. “Noise Free Resolution” is not the same as “Effective Resolution”. Effective Resolution is based on the
RMS noise value, while Noise Free Resolution is based on a peak-to-peak noise value specified as 6.6
times the RMS noise value. Effective Resolution is calculated as LOG((Input Span)/(RMS
Noise))/LOG(2).
Specifications are subject to change without notice.
Parameter
CS5530-CS
Min
Typ
Max
Unit
Power Supplies
DC Power Supply Currents (Normal Mode)
IA+, IA-
ID+
-
-
6
0.6
8
1.0
mA
mA
Power Consumption
Normal Mode
(Note 7)
Standby
Sleep
-
-
-
35
5
500
45
-
-
mW
mW
µW
Power Supply Rejection
(Note 8)
DC Positive Supplies
DC Negative Supply
-
-
115
115
-
-
dB
dB
Output Word Rate (Sps)
-3 dB Filter Frequency (Hz)
Noise-free Bits
Noise (nVrms)
7.5
1.94
19
17
15
3.88
19
24
30
7.75
18
34
60
15.5
18
48
120
31
17
68
240
62
16
115
480
122
16
163
960
230
15
229
1,920
390
15
344
3,840
780
13
1390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com