Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5530 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5530
Description  24-bit ADC with Ultra-low-noise Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5530 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5530 Datasheet HTML 1Page - Cirrus Logic CS5530 Datasheet HTML 2Page - Cirrus Logic CS5530 Datasheet HTML 3Page - Cirrus Logic CS5530 Datasheet HTML 4Page - Cirrus Logic CS5530 Datasheet HTML 5Page - Cirrus Logic CS5530 Datasheet HTML 6Page - Cirrus Logic CS5530 Datasheet HTML 7Page - Cirrus Logic CS5530 Datasheet HTML 8Page - Cirrus Logic CS5530 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
CS5530
DS742F3
3
LIST OF FIGURES
Figure 1. SDI Write Timing (Not to Scale)............................................................................... 10
Figure 2. SDO Read Timing (Not to Scale)............................................................................. 10
Figure 3. Front End Configuration........................................................................................... 11
Figure 4. Input Model for AIN+ and AIN- Pins......................................................................... 11
Figure 5. Measured Voltage Noise Density............................................................................. 12
Figure 5. Measured Voltage Noise Density............................................................................. 12
Figure 6. CS5530 Register Diagram ....................................................................................... 13
Figure 7. Command and Data Word Timing ........................................................................... 16
Figure 8. Input Reference Model when VRS = 1 .................................................................... 18
Figure 9. Input Reference Model when VRS = 0 .................................................................... 18
Figure 10. System Calibration of Offset .................................................................................. 22
Figure 11. System Calibration of Gain .................................................................................... 22
Figure 12. Synchronizing Multiple ADCs................................................................................. 25
Figure 13. Digital Filter Response (Word Rate = 60 Sps) ....................................................... 27
Figure 14. 120 Sps Filter Magnitude Plot to 120 Hz ............................................................... 27
Figure 15. 120 Sps Filter Phase Plot to 120 Hz ...................................................................... 27
Figure 16. Z-Transforms of Digital Filters................................................................................ 27
Figure 17. On-chip Oscillator Model........................................................................................ 28
Figure 18. CS5530 Configured with a Single +5 V Supply ..................................................... 29
Figure 19. CS5530 Configured with ±2.5 V Analog Supplies.................................................. 29
Figure 20. CS5530 Configured with ±3 V Analog Supplies..................................................... 30
LIST OF TABLES
Table 1. Conversion Timing for Single Mode .......................................................................... 24
Table 2. Conversion Timing for Continuous Mode.................................................................. 24
Table 3. Output Coding ........................................................................................................... 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com