Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5530 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5530
Description  24-bit ADC with Ultra-low-noise Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5530 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5530 Datasheet HTML 1Page - Cirrus Logic CS5530 Datasheet HTML 2Page - Cirrus Logic CS5530 Datasheet HTML 3Page - Cirrus Logic CS5530 Datasheet HTML 4Page - Cirrus Logic CS5530 Datasheet HTML 5Page - Cirrus Logic CS5530 Datasheet HTML 6Page - Cirrus Logic CS5530 Datasheet HTML 7Page - Cirrus Logic CS5530 Datasheet HTML 8Page - Cirrus Logic CS5530 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Copyright
 Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
CS5530
24-bit ADC with Ultra-low-noise Amplifier
Features & Description
Chopper-stabilized Instrumentation
Amplifier, 64X
• 12 nV/
√Hz @ 0.1 Hz (No 1/f noise)
• 1200 pA Input Current
Digital Gain Scaling up to 40x
Delta-sigma Analog-to-digital Converter
• Linearity Error: 0.0015% FS
• Noise Free Resolution: Up to 19 bits
Scalable VREF Input: Up to Analog Supply
Simple Three-wire Serial Interface
• SPI™ and Microwire™ Compatible
• Schmitt-trigger on Serial Clock (SCLK)
Onboard Offset and Gain Calibration
Registers
Selectable Word Rates: 6.25 to 3,840 Sps
Selectable 50 or 60 Hz Rejection
Power Supply Configurations
• VA+ = +5 V; VA- = 0 V; VD+ = +3 V to +5 V
• VA+ = +2.5 V; VA- = -2.5 V; VD+ = +3 V to +5 V
• VA+ = +3 V; VA- = -3 V; VD+ = +3 V
General Description
The CS5530 is a highly integrated
ΔΣ Analog-to-Digital
Converter (ADC) which uses charge-balance techniques
to achieve 24-bit performance. The ADC is optimized for
measuring low-level unipolar or bipolar signals in weigh
scale,
process
control,
scientific,
and
medical
applications.
To accommodate these applications, the ADC includes
a very-low-noise, chopper-stabilized instrumentation
amplifier (12 nV/
√Hz @ 0.1 Hz) with a gain of 64X. This
device also includes a fourth-order
ΔΣ modulator fol-
lowed by a digital filter which provides twenty selectable
output word rates of 6.25, 7.5, 12.5, 15, 25, 30, 50, 60, 100,
120, 200, 240, 400, 480, 800, 960, 1600, 1920, 3200, and
3840 Sps (MCLK = 4.9152 MHz).
To ease communication between the ADC and a micro-
controller, the converter includes a simple three-wire se-
rial interface which is SPI and Microwire compatible with
a Schmitt-trigger input on the serial clock (SCLK).
High dynamic range, programmable output rates, and
flexible power supply options make this device an ideal
solution
for
weigh
scale
and
process
control
applications.
ORDERING INFORMATION
See page 35.
VA+
C1
C2
VREF+
VREF-
VD+
DIFFERENTIAL
4TH ORDER
ΔΣ
MODULATOR
PROGRAMMABLE
SINC FIR FILTER
AIN1+
AIN1-
SERIAL
INTERFACE
LATCH
CLOCK
GENERATOR
CALIBRATION
SRAM/CONTROL
LOGIC
DGND
CS
SDI
SDO
SCLK
OSC2
OSC1
A1
A0
VA-
64X
NOV ‘09
DS742F3


Similar Part No. - CS5530

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
Geode??CS5530 I/O Companion Multi-Function South Bridge
logo
Cirrus Logic
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530-ISZ CIRRUS-CS5530-ISZ Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
logo
National Semiconductor ...
CS5530A NSC-CS5530A Datasheet
4Mb / 259P
Geode CS5530A I/O Companion Multi-Function South Bridge
More results

Similar Description - CS5530

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1555 AD-AD1555 Datasheet
429Kb / 24P
24-Bit ADC WITH LOW NOISE PGA
REV.B
AD7190 AD-AD7190 Datasheet
178Kb / 21P
4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
logo
Cirrus Logic
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
logo
Intersil Corporation
ISL26132 INTERSIL-ISL26132 Datasheet
975Kb / 23P
Low-Noise 24-bit Delta Sigma ADC
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Analog Devices
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
logo
Intersil Corporation
ISL26132AVZ INTERSIL-ISL26132AVZ Datasheet
739Kb / 23P
Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
Low-Noise 24-bit Delta Sigma ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com