Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF2123 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF2123_09 Datasheet HTML 1Page - NXP Semiconductors PCF2123_09 Datasheet HTML 2Page - NXP Semiconductors PCF2123_09 Datasheet HTML 3Page - NXP Semiconductors PCF2123_09 Datasheet HTML 4Page - NXP Semiconductors PCF2123_09 Datasheet HTML 5Page - NXP Semiconductors PCF2123_09 Datasheet HTML 6Page - NXP Semiconductors PCF2123_09 Datasheet HTML 7Page - NXP Semiconductors PCF2123_09 Datasheet HTML 8Page - NXP Semiconductors PCF2123_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
PCF2123_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 December 2009
5 of 55
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
7.2 Pin description
[1]
The die paddle (exposed pad) is wired to VSS but should not be electrically contacted.
[2]
The substrate (rear side of the die) is wired to VSS but should not be electrically contacted.
8.
Device protection diagram
Table 3.
Pin description
Symbol
Pin
Description
TSSOP14
HVQFN16
PCF2123Ux
OSCI
1
16
7
oscillator input; high-impedance node; minimize wire length
between quartz and package
OSCO
2
1
8
oscillator output; high-impedance node; minimize wire
length between quartz and package
n.c.
3, 11
6, 7, 14, 15
-
do not connect and do not use as feed through; connect to
VDD if floating pins are not allowed
TEST
4
2
9
test pin; not user accessible; connect to VSS or leave
floating (internally pulled down)
INT
5
3
10
interrupt output (open-drain; active LOW)
CE
6
4
11
chip enable input (active HIGH) with internal pull down
VSS
75[1]
12[2]
ground
SDO
8
8
1
serial data output, push-pull; high-impedance when not
driving; can be connected to SDI for single wire data line
SDI
9
9
2
serial data input; may float when CE is inactive
SCL
10
10
3
serial clock input; may float when CE is inactive
CLKOE
12
11
4
CLKOUT enable or disable pin; enable is active HIGH
CLKOUT
13
12
5
clock output (open-drain)
VDD
14
13
6
supply voltage; positive or negative steps in VDD may affect
oscillator performance; recommend 100 nF decoupling
close to device (see Figure 29)
Fig 5.
Device diode protection diagram of PCF2123
001aai552
SDO
SDI
SCL
CLKOUT
CLKOE
VDD
OSCI
OSCO
TEST
INT
CE
VSS
PCF2123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com