Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LVR005 Datasheet(PDF) 11 Page - Tyco Electronics

Part # LVR005
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR005 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button LVR005 Datasheet HTML 7Page - Tyco Electronics LVR005 Datasheet HTML 8Page - Tyco Electronics LVR005 Datasheet HTML 9Page - Tyco Electronics LVR005 Datasheet HTML 10Page - Tyco Electronics LVR005 Datasheet HTML 11Page - Tyco Electronics LVR005 Datasheet HTML 12Page - Tyco Electronics LVR005 Datasheet HTML 13Page - Tyco Electronics LVR005 Datasheet HTML 14Page - Tyco Electronics LVR005 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Table R4 - Dimensions for Radial-leaded Devices in Millimeters (Inches)
Cont'd
...
Dimension
Part
A
B
C
D
E
F
H
J
Number
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
TYP.
TYP.
TYP.
Figure
RXEF
60V
RXEF005
—
8.0
—
8.3
—
3.0
7.6
—
4.3
5.8
—
1.07
1.0
R9, R15,
(0.32)
(0.33)
(0.12)
(0.30)
(0.17)
(0.23)
(0.042)
(0.04)
R16
RXEF010
—
7.4
—
11.6
—
3.0
7.6
—
4.3
5.8
—
1.07
1.0
R10, R15,
(0.29)
(0.46)
(0.12)
(0.30)
(0.17)
(0.23)
(0.042)
(0.04)
R16
RXEF017
—
7.4
—
12.7
—
3.0
7.6
—
4.3
5.8
—
1.68
1.7
R10, R15,
(0.29)
(0.50)
(0.12)
(0.30)
(0.17)
(0.23)
(0.066)
(0.07)
R16
RXEF020
—
7.4
—
11.7
—
3.0
7.6
—
4.3
5.8
—
1.17
1.0
R10, R15,
(0.29)
(0.46)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.04)
R16
RXEF025
—
7.4
—
12.7
—
3.0
7.6
—
4.3
5.8
—
1.17
1.0
R10, R15,
(0.29)
(0.50)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.04)
R16
RXEF030
—
7.4
—
12.7
—
3.0
7.6
—
4.3
5.8
—
1.17
1.0
R10, R15,
(0.29)
(0.50)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.04)
R16
RXEF040
—
7.6
—
13.5
—
3.0
7.6
—
4.3
5.8
—
1.17
1.2
R10, R15,
(0.30)
(0.53)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.05)
R16
RXEF050
—
7.9
—
13.7
—
3.0
7.6
—
4.3
5.8
—
1.17
1.2
R10, R15,
(0.31)
(0.54)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.05)
R16
RXEF065
—
9.4
—
14.5
—
3.0
7.6
—
4.3
5.8
—
1.17
1.5
R10, R15,
(0.37)
(0.57)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.06)
R16
RXEF075
—
10.2
—
15.2
—
3.0
7.6
—
4.3
5.8
—
1.17
1.5
R10, R15,
(0.40)
(0.60)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.06)
R16
RXEF090
—
11.2
—
15.8
—
3.0
7.6
—
4.3
5.8
—
1.17
1.5
R10, R15,
(0.44)
(0.62)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.06)
R16
RXEF110
—
12.8
—
17.5
—
3.0
7.6
—
4.3
5.8
—
1.37
1.2
R11, R15,
(0.50)
(0.69)
(0.12)
(0.30)
(0.17)
(0.23)
(0.054)
(0.05)
R16
RXEF135
—
14.5
—
19.1
—
3.0
7.6
—
4.3
5.8
—
1.37
1.2
R11, R15,
(0.57)
(0.75)
(0.12)
(0.30)
(0.17)
(0.23)
(0.054)
(0.05)
R16
RXEF160
—
16.3
—
20.8
—
3.0
7.6
—
4.3
5.8
—
1.37
1.5
R11, R15,
(0.64)
(0.82)
(0.12)
(0.30)
(0.17)
(0.23)
(0.054)
(0.06)
R16
RXEF185
—
17.5
—
22.4
—
3.0
7.6
—
4.3
5.8
—
1.37
1.5
R11, R15,
(0.69)
(0.88)
(0.12)
(0.30)
(0.17)
(0.23)
(0.054)
(0.06)
R16
RXEF250
—
20.8
—
25.4
—
3.0
7.6
—
9.4
10.9
—
1.37
1.7
R11, R15,
(0.82)
(1.00)
(0.12)
(0.30)
(0.37)
(0.43)
(0.054)
(0.07)
R16
RXEF300
—
23.9
—
28.6
—
3.0
7.6
—
9.4
10.9
—
1.37
1.7
R11, R15,
(0.94)
(1.13)
(0.12)
(0.30)
(0.37)
(0.43)
(0.054)
(0.07)
R16
RXEF375
—
27.2
—
31.8
—
3.0
7.6
—
9.4
10.9
—
1.37
1.7
R11, R15,
(1.07)
(1.25)
(0.12)
(0.30)
(0.37)
(0.43)
(0.054)
(0.07)
R16
RTEF
33V
RTEF120
—
7.4
—
12.2
—
3.0
7.6
—
4.3
5.8
—
0.89
0.8
R12, R15,
(0.29)
(0.48)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.03)
R16
RTEF135
—
7.4
—
14.2
—
3.0
7.6
—
4.3
5.8
—
0.89
0.8
R12, R15,
(0.29)
(0.56)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.03)
R16
RTEF190
—
8.9
—
13.5
—
3.0
7.6
—
4.3
5.8
—
0.89
1.0
R12, R15,
(0.35)
(0.53)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.04)
R16
RUEF
30V
RUEF090
—
7.4
—
12.2
—
3.0
7.6
—
4.3
5.8
—
0.89
0.8
R12, R15,
(0.29)
(0.48)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.03)
R16
RUEF110
—
7.4
—
14.2
—
3.0
7.6
—
4.3
5.8
—
0.89
0.8
R12, R15,
(0.29)
(0.56)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.03)
R16
RUEF135
—
8.9
—
13.5
—
3.0
7.6
—
4.3
5.8
—
0.89
1.0
R12, R15,
(0.35)
(0.53)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.04)
R16
RUEF160
—
8.9
—
15.2
—
3.0
7.6
—
4.3
5.8
—
0.89
1.0
R12, R15,
(0.35)
(0.60)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.04)
R16
RUEF185
—
10.2
—
15.7
—
3.0
7.6
—
4.3
5.8
—
0.89
1.0
R12, R15,
(0.40)
(0.62)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.04)
R16
RUEF250
—
11.4
—
18.3
—
3.0
7.6
—
4.3
5.8
—
0.89
1.2
R12, R15,
(0.45)
(0.72)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.05)
R16
RUEF300
—
11.4
—
16.5
—
3.0
7.6
—
4.3
5.8
—
1.19
1.5
R13, R15,
(0.45)
(0.65)
(0.12)
(0.30)
(0.17)
(0.23)
(0.047)
(0.06)
R16
RUEF400
—
14.0
—
19.3
—
3.0
7.6
—
4.3
5.8
—
1.19
1.7
R13, R15,
(0.55)
(0.76)
(0.12)
(0.30)
(0.17)
(0.23)
(0.047)
(0.07)
R16
13
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com