Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LVR005 Datasheet(PDF) 23 Page - Tyco Electronics

Part # LVR005
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR005 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button LVR005 Datasheet HTML 19Page - Tyco Electronics LVR005 Datasheet HTML 20Page - Tyco Electronics LVR005 Datasheet HTML 21Page - Tyco Electronics LVR005 Datasheet HTML 22Page - Tyco Electronics LVR005 Datasheet HTML 23Page - Tyco Electronics LVR005 Datasheet HTML 24Page - Tyco Electronics LVR005 Datasheet HTML 25Page - Tyco Electronics LVR005 Datasheet HTML 26Page - Tyco Electronics LVR005 Datasheet HTML 27Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Table R6 - Packaging and Marking Information for Radial-leaded Devices
Cont'd
...
Part Number
Bag Quantity
Tape & Reel Quantity
Ammo Pack Quantity
Standard Pack Quantity
Part Marking
Agency Recognition
RHEF 16V
RHEF1300
250
—
—
5,000
HF13
UL, CSA, TÜV
RHEF1300-2
—
1,000
—
5,000
HF13
UL, CSA, TÜV
RHEF1300-AP
—
—
1,000
5,000
HF13
UL, CSA, TÜV
RHEF1400
250
—
—
5,000
HF14
UL, CSA, TÜV
RHEF1400-2
—
1,000
—
5,000
HF14
UL, CSA, TÜV
RHEF1400-AP
—
—
1,000
5,000
HF14
UL, CSA, TÜV
RHEF1500
250
—
—
5,000
HF15
UL, CSA, TÜV
RHEF1500-2
—
1,000
—
5,000
HF15
UL, CSA, TÜV
RHEF1500-AP
—
—
1,000
5,000
HF15
UL, CSA, TÜV
RUSBF 6V
RUSBF075
500
—
—
10,000
RF075
UL, CSA, TÜV
RUSBF075-2
—
3,000
—
15,000
RF075
UL, CSA, TÜV
RUSBF075-AP
—
—
2,500
12,500
RF075
UL, CSA, TÜV
RUSBF120
500
—
—
10,000
RF120
UL, CSA, TÜV
RUSBF120-2
—
3,000
—
15,000
RF120
UL, CSA, TÜV
RUSBF120-AP
—
—
2,000
10,000
RF120
UL, CSA, TÜV
RUSBF155
500
—
—
10,000
RF155
UL, CSA, TÜV
RUSBF155-2
—
3,000
—
15,000
RF155
UL, CSA, TÜV
RUSBF155-AP
—
—
2,000
10,000
RF155
UL, CSA, TÜV
13
132
Table R7 - Tape and Reel Specifications for Radial-leaded Devices
RXEF and BBRF devices are available in tape and reel packaging per EIA468–B/IEC60286–2 standards. See Figures R24 and R25 for details.
EIA
Description
Mark
Dimension (mm)
Tolerance
Carrier tape width
W
18
-0.5/+1.0
Hold-down tape width
W4
11
Minimum
Top distance between tape edges
W6
3
Maximum
Sprocket hole position
W5
9
-0.5/+0.75
Sprocket hole diameter
D0
4
± 0.2
Abscissa to plane (straight lead) RXEF110 to RXEF300
H
18.5
± 2.5
Abscissa to plane (kinked lead) RXEF010 to RXEF090, BBRF550, BBRF750
H0
16.0
± 0.5
Abscissa to top RXEF010 to RXEF090, BBRF550, BBRF750
H1
32.2
Maximum
Abscissa to top* RXEF110 to RXEF300
H1
47.5
Maximum
Overall width with lead protrusion RXEF010 to RXEF090, BBRF550, BBRF750
C1
43.2
Maximum
Overall width with lead protrusion* RXEF110 to RXEF300
C1
58
Maximum
Overall width without lead protrusion RXEF010 to RXEF090, BBRF550, BBRF750
C2
42.5
Maximum
Overall width without lead protrusion* RXEF110 to RXEF300
C2
57
Maximum
Lead protrusion
L1
1.0
Maximum
Protrusion of cut-out
L
11.0
Maximum
Protrusion beyond hold-down tape
I2
Not specified
—
Sprocket hole pitch
P0
12.7
± 0.3
Device pitch RXEF010 to RXEF090, BBRF550, BBRF750
—
12.7
± 0.3
Device pitch RXEF110 to RXEF300
—
25.4
± 0.61
Pitch tolerance
—
20 consecutive
± 1
Tape thickness
t
0.9
Maximum
Overall tape and lead thickness RXEF010 to RXEF090
t1
1.5
Maximum
Overall tape and lead thickness RXEF110 to RXEF300, BBRF550, BBRF750*
t1
2.3
Maximum
Splice sprocket hole alignment
—
0
± 0.3
Body lateral deviation
Δh0
± 1.0
Body tape plane deviation
Δp0
± 1.3
Ordinate to adjacent component lead RXEF010 to RXEF090, BBRF550, BBRF750
P1
3.81
± 0.7
Ordinate to adjacent component lead RXEF110 to RXEF300
P1
7.62
± 0.7
Lead spacing* RXEF010 to RXEF185, BBRF550, BBRF750
F
5.08
+0.75/-0.5
Lead spacing* RXEF250 to RXEF300
F
10.2
+0.75/-0.5
Reel width RXEF010 to RXEF090
w2
56.0
Maximum
Reel width* RXEF110 to RXEF300
w2
63.5
Maximum
Reel diameter
a
370.0
Maximum
Space between flanges less device
w1
4.75
± 3.25
Arbor hold diameter
c
26.0
± 12.0
Core diameter*
n
91.0
Maximum
Box
—
64/372/362
Maximum
Consecutive missing places
—
None
—
Empty places per reel
—
0.1%
Maximum
*Differs from EIA specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com