Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LVR005 Datasheet(PDF) 16 Page - Tyco Electronics

Part # LVR005
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR005 Datasheet(HTML) 16 Page - Tyco Electronics

Back Button LVR005 Datasheet HTML 12Page - Tyco Electronics LVR005 Datasheet HTML 13Page - Tyco Electronics LVR005 Datasheet HTML 14Page - Tyco Electronics LVR005 Datasheet HTML 15Page - Tyco Electronics LVR005 Datasheet HTML 16Page - Tyco Electronics LVR005 Datasheet HTML 17Page - Tyco Electronics LVR005 Datasheet HTML 18Page - Tyco Electronics LVR005 Datasheet HTML 19Page - Tyco Electronics LVR005 Datasheet HTML 20Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Table R5 - Physical Characteristics and Environmental Specifications for Radial-leaded Devices
LVR/LVRL
Physical Characteristics
Lead material
LVR005-016: Tin-plated copper, 0.205mm2 (24AWG), ø0.51mm (0.020in.)
LVR025-040: Tin-plated copper, 0.32mm2 (22AWG), ø0.64mm (0.025in.)
LVR055: Tin-plated copper, 0.52mm2 (20AWG), ø0.81mm (0.032in.)
LVRL: Tin-plated copper, 0.52mm2 (20AWG), ø0.81mm (0.032in.)
Soldering characteristics
Solderability pre ANSI/J-STD-002 Category 3
Solder heat withstand
per IEC-STD 68-2-20, Test Tb, Method1a, condition b, can withstand 10 seconds at 260°C ±5°C
Devices are not designed to be placed through a reflow process.
LVR/LVRL
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
70°C, 1000 hours
±5%
85°C, 1000 hours
±5%
Humidity aging
85°C, 85%RH, 1000 hours
±5%
Thermal Shock
85°C, -40°C (10 times)
±5%
Solvent resistance
MIL-STD-202, Method 215F
No change
BBRF
Physical Characteristics
Lead material
Tin-plated copper, 0.52mm2 (20AWG), ø0.81mm (0.032in.)
Soldering characteristics
Solderability pre ANSI/J-STD-002 Category 3
Solder heat withstand
per IEC-STD 68-2-20, Test Tb, Method 1a, condition b, can withstand 10 seconds at 260°C ±5°C
Insulting material
Cured, flame-retardant epoxy polymer; meets UL 94V-0
Devices are not designed to be placed through a reflow process.
BBRF
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
70°C, 1000 hours
±5%
85°C, 1000 hours
±5%
Humidity aging
85°C, 85%RH, 1000 hours
±5%
Thermal Shock
85°C, -40°C (10 times)
±5%
Solvent resistance
MIL-STD-202, Method 215F
No change
RXEF
Physical Characteristics
Lead material
RXEF005: Tin-plated nickel-copper ally, 0.128mm2 (26AWG), ø0.40mm (0.016in.)
RXEF010: Tin-plated nickel-copper ally, 0.205mm2 (24AWG), ø0.51mm (0.020in.)
RXEF017 to 040: Tin-plated copper-clad steel, 0.205mm2 (24AWG), ø0.51mm (0.020in.)
RXEF050 to 090: Tin-plated copper, 0.205mm2 (24AWG), ø0.51mm (0.020in.)
RXEF110 to 375: Tin-plated copper, 0.52mm2 (20AWG), ø0.81mm (0.032in.)
Soldering characteristics
Solderability pre ANSI/J-STD-002 Category 3
RXEF005, RXEF010 meet ANSI/J-STD-002 Category 1
Solder heat withstand
RXEF017- RXEF025: per IEC-STD 68-2-20, Test Tb, Method 1a, condition a; can withstand 5 seconds at 260°C ±5°C
All other sizes: per IEC-STD 68-2-20, Test Tb, Method 1a, condition b; can withstand 5 seconds at 260°C ±5°C
Insulting material
Cured, flame-retardant epoxy polymer; meets UL 94V-0
Devices are not designed to be placed through a reflow process.
RXEF
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
-40°C, 1000 hours
±5%
85°C, 1000 hours
±5%
Humidity aging
85°C, 85%RH, 1000 hours
±10%
Thermal Shock
85°C, -40°C (10 times)
±10%
Solvent resistance
MIL-STD-202, Method 215F
No change
125
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com