Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP242 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TOP242
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TOP242 Datasheet HTML 3Page - Power Integrations, Inc. TOP242 Datasheet HTML 4Page - Power Integrations, Inc. TOP242 Datasheet HTML 5Page - Power Integrations, Inc. TOP242 Datasheet HTML 6Page - Power Integrations, Inc. TOP242 Datasheet HTML 7Page - Power Integrations, Inc. TOP242 Datasheet HTML 8Page - Power Integrations, Inc. TOP242 Datasheet HTML 9Page - Power Integrations, Inc. TOP242 Datasheet HTML 10Page - Power Integrations, Inc. TOP242 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
TOP242-249
7
August 8, 2000
E
7/01
Figure 9. Switching Frequency Jitter. (Idealized V
DRAIN waveform)
waveform for the pulse width modulator. This oscillator sets
the pulse width modulator/current limit latch at the beginning
of each cycle.
The nominal switching frequency of 132 kHz was chosen to
minimize transformer size while keeping the fundamental EMI
frequency below 150 kHz. The FREQUENCY pin (available
only in Y or R package), when shorted to the CONTROL pin,
lowers the switching frequency to 66 kHz (half frequency)
which may be preferable in some cases such as noise sensitive
video applications or a high efficiency standby mode. Otherwise,
the FREQUENCY pin should be connected to the SOURCE pin
for the default 132 kHz.
To further reduce the EMI level, the switching frequency is
jittered (frequency modulated) by approximately
±4 kHz at
250 Hz (typical) rate as shown in Figure 9. Figure 46 shows the
typical improvement of EMI measurements with frequency
jitter.
Pulse Width Modulator and Maximum Duty Cycle
The pulse width modulator implements voltage mode control
by driving the output MOSFET with a duty cycle inversely
proportional to the current into the CONTROL pin that is in
excess of the internal supply current of the chip (see Figure 7).
The excess current is the feedback error signal that appears
across R
E (see Figure 2).
This signal is filtered by an RC
network with a typical corner frequency of 7 kHz to reduce the
effect of switching noise in the chip supply current generated by
the MOSFET gate driver. The filtered error signal is compared
with the internal oscillator sawtooth waveform to generate the
duty cycle waveform. As the control current increases, the duty
cycle decreases. A clock signal from the oscillator sets a latch
which turns on the output MOSFET. The pulse width modulator
resets the latch, turning off the output MOSFET. Note that a
minimum current must be driven into the CONTROL pin
before the duty cycle begins to change.
The maximum duty cycle, DC
MAX, is set at a default maximum
value of 78% (typical). However, by connecting the LINE-
SENSE or MULTI-FUNCTION pin (depending on the package)
to the rectified DC high voltage bus through a resistor with
appropriate value, the maximum duty cycle can be made to
decrease from 78% to 38% (typical) as shown in Figure 11 when
input line voltage increases (see line feed forward with DC
MAX
reduction).
Light Load Frequency Reduction
The pulse width modulator duty cycle reduces as the load at the
power supply output decreases. This reduction in duty cycle is
proportional to the current flowing into the CONTROL pin. As
the CONTROL pin current increases, the duty cycle decreases
linearly towards a duty cycle of 10%. Below 10% duty cycle, to
maintain high efficiency at light loads, the frequency is also
reduced linearly until a minimum frequency is reached at a duty
cycle of 0% (refer to Figure 7). The minimum frequency is
typically 30 kHz and 15 kHz for 132 kHz and 66 kHz operation,
respectively.
This feature allows a power supply to operate at lower frequency
at light loads thus lowering the switching losses while
maintaining good cross regulation performance and low output
ripple.
Error Amplifier
The shunt regulator can also perform the function of an error
amplifier in primary side feedback applications. The shunt
regulator voltage is accurately derived from a temperature-
compensated bandgap reference. The gain of the error amplifier
is set by the CONTROL pin dynamic impedance. The
CONTROL pin clamps external circuit signals to the V
C
voltage level. The CONTROL pin current in excess of the
supply current is separated by the shunt regulator and flows
through R
E as a voltage error signal.
On-chip Current Limit with External Programmability
The cycle-by-cycle peak drain current limit circuit uses the
output MOSFET ON-resistance as a sense resistor. A current
limit comparator compares the output MOSFET on-state drain
to source voltage, V
DS(ON) with a threshold voltage. High drain
current causes V
DS(ON) to exceed the threshold voltage and turns
the output MOSFET off until the start of the next clock cycle.
The current limit comparator threshold voltage is temperature
compensated to minimize the variation of the current limit due
to temperature related changes in R
DS(ON) of the output MOSFET.
The default current limit of TOPSwitch-GX is preset internally.
However, with a resistor connected between EXTERNAL
CURRENT LIMIT (X) pin (Y or R package) or MULTI-
FUNCTION (M) pin (P or G package) and SOURCE pin,
current limit can be programmed externally to a lower level
between 30% and 100% of the default current limit. Please
refer to the graphs in the typical performance characteristics
section for the selection of the resistor value. By setting current
limit low, a larger TOPSwitch-GX than necessary for the power
required can be used to take advantage of the lower R
DS(ON) for
higher efficiency/smaller heat sinking requirements. With a
128 kHz
4 ms
Time
Switching
Frequency
VDRAIN
136 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com