Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP242 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TOP242
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TOP242 Datasheet HTML 4Page - Power Integrations, Inc. TOP242 Datasheet HTML 5Page - Power Integrations, Inc. TOP242 Datasheet HTML 6Page - Power Integrations, Inc. TOP242 Datasheet HTML 7Page - Power Integrations, Inc. TOP242 Datasheet HTML 8Page - Power Integrations, Inc. TOP242 Datasheet HTML 9Page - Power Integrations, Inc. TOP242 Datasheet HTML 10Page - Power Integrations, Inc. TOP242 Datasheet HTML 11Page - Power Integrations, Inc. TOP242 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
TOP242-249
8
E
7/01
August 8, 2000
Figure 10. Synchronization Timing Diagram.
PI-2637-060600
Oscillator
(SAW)
DMAX
Enable from
X, L or M Pin (STOP)
Time
second resistor connected between the EXTERNAL CURRENT
LIMIT (X) pin (Y or R package) or MULTI-FUNCTION (M)
pin (P or G package) and the rectified DC high voltage bus, the
current limit is reduced with increasing line voltage, allowing
a true power limiting operation against line variation to be
implemented. When using an RCD clamp, this power limiting
technique reduces maximum clamp voltage at high line. This
allows for higher reflected voltage designs as well as reducing
clamp dissipation.
The leading edge blanking circuit inhibits the current limit
comparator for a short time after the output MOSFET is turned
on. The leading edge blanking time has been set so that, if a
power supply is designed properly, current spikes caused by
primary-side capacitances and secondary-side rectifier reverse
recovery time should not cause premature termination of the
switching pulse.
The current limit is lower for a short period after the leading
edge blanking time as shown in Figure 52. This is due to
dynamic characteristics of the MOSFET. To avoid triggering
the current limit in normal operation, the drain current waveform
should stay within the envelope shown.
Line Under-Voltage Detection (UV)
At power up, UV keeps TOPSwitch-GX off until the input line
voltage reaches the under voltage threshold. At power down,
UV prevents auto-restart attempts after the output goes out of
regulation. This eliminates power down glitches caused by the
slow discharge of large input storage capacitor present in
applications such as standby supplies. A single resistor connected
from the LINE-SENSE pin (Y or R package) or MULTI-
FUNCTION pin (P or G package) to the rectified DC high
voltage bus sets UV threshold during power up. Once the power
supply is successfully turned on, the UV threshold is lowered to
40% of the initial UV threshold to allow extended input voltage
operating range (UV low threshold). If the UV low threshold
is reached during operation without the power supply losing
regulation the device will turn off and stay off until UV (high
threshold) has been reached again. If the power supply loses
regulation before reaching the UV low threshold, the device
will enter auto-restart. At the end of each auto-restart cycle (S7),
the UV comparator is enabled. If the UV high threshold is not
exceeded the MOSFET will be disabled during the next cycle (see
figure 8). The UV feature can be disabled independent of OV
feature as shown in Figure 19 and 23.
Line Overvoltage Shutdown (OV)
The same resistor used for UV also sets an overvoltage threshold
which, once exceeded, will force TOPSwitch-GX output into
off-state. The ratio of OV and UV thresholds is preset at 4.5 as
can be seen in Figure 11. When the MOSFET is off, the rectified
DC high voltage surge capability is increased to the voltage
rating of the MOSFET (700 V), due to the absence of the
reflected voltage and leakage spikes on the drain. A small
amount of hysteresis is provided on the OV threshold to prevent
noise triggering. The OV feature can be disabled independent
of the UV feature as shown in Figure 18 and 32.
Line Feed Forward with DC
MAX Reduction
The same resistor used for UV and OV also implements line
voltage feed forward which minimizes output line ripple and
reduces power supply output sensitivity to line transients. This
feed forward operation is illustrated in Figure 7 by the different
values of I
L (Y or R package) or IM (P or G Package). Note that
for the same CONTROL pin current, higher line voltage results
in smaller operating duty cycle. As an added feature, the
maximum duty cycle DC
MAX is also reduced from 78% (typical)
at a voltage slightly higher than the UV threshold to 38%
(typical) at the OV threshold (see Figures 7, 11). Limiting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com