Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP242 Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TOP242
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242 Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TOP242 Datasheet HTML 6Page - Power Integrations, Inc. TOP242 Datasheet HTML 7Page - Power Integrations, Inc. TOP242 Datasheet HTML 8Page - Power Integrations, Inc. TOP242 Datasheet HTML 9Page - Power Integrations, Inc. TOP242 Datasheet HTML 10Page - Power Integrations, Inc. TOP242 Datasheet HTML 11Page - Power Integrations, Inc. TOP242 Datasheet HTML 12Page - Power Integrations, Inc. TOP242 Datasheet HTML 13Page - Power Integrations, Inc. TOP242 Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
TOP242-249
10
E
7/01
August 8, 2000
also used to generate a temperature-compensated current
reference which is trimmed to accurately set the switching
frequency, MOSFET gate drive current, current limit, and the
line OV/UV thresholds. TOPSwitch-GX has improved circuitry
to maintain all of the above critical parameters within very tight
absolute and temperature tolerances.
High-Voltage Bias Current Source
This current source biases TOPSwitch-GX from the DRAIN pin
and charges the CONTROL pin external capacitance during
start-up or hysteretic operation. Hysteretic operation occurs
during auto-restart, remote off and over-temperature shutdown.
In this mode of operation, the current source is switched on and
off with an effective duty cycle of approximately 35%. This
duty cycle is determined by the ratio of CONTROL pin charge
(I
C) and discharge currents (ICD1 and ICD2). This current source
is turned off during normal operation when the output MOSFET
is switching. The effect of the current source switching will be
seen on the DRAIN voltage waveform as small disturbances
and is normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com