Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9803 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 58Page - STMicroelectronics L9803 Datasheet HTML 59Page - STMicroelectronics L9803 Datasheet HTML 60Page - STMicroelectronics L9803 Datasheet HTML 61Page - STMicroelectronics L9803 Datasheet HTML 62Page - STMicroelectronics L9803 Datasheet HTML 63Page - STMicroelectronics L9803 Datasheet HTML 64Page - STMicroelectronics L9803 Datasheet HTML 65Page - STMicroelectronics L9803 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 126 page
background image
On-Chip Peripherals
L9803
62/126
Load the DUTYREG register with the value corresponding to the pulse length (in internal
cycle periods). The 16 bits of this register are separated in two registers: DUTYREGH and
DUTYREGL.
The counter is reset to zero when EN_PWM bit is reset.
Writing the DUTYREG and CYREG registers has no effect on the current PWM cycle. The
cycle or duty cycle change take place only after the first overflow of the counter.
The suggested procedures to change the PWM parameters are the following:
Duty Cycle control:
Write the low and high DUTYREG registers.
A writing only on one DUTYREG register has no effect until both registers are written.
The current PWM cycle will be completed. The new duty cycle will be effective at the
following PWM cycle, with respect to the last DUTYREG writing.
Cycle control:
Write the low and high CYREG register
A writing only on one CYREG register has no effect until both registers are written.
The current PWM cycle will be completed. The new cycle will be effective at the following
PWM cycle, with respect to the last CYREG writing.
Another possible procedure is:
Reset the EN_PWM bit.
Write the wanted configuration in CYREG and DUTYREG..
Set the EN_PWM bit.
If the EN_PWM bit is set after being reset, the current values of DUTYREG and CYREG are
determining the output waveform, no matter if only the low or the high part, or both were
written.
The first time EN_PWM is set, if CYREG and DUTYREG were not previously written, the
output is permanently low, because the default value of the registers is 00h.
Changing the Prescaler ratio writing PS(2:0) in CONREG has immediate effect on the
waveform frequency.
5.3.2
Functional Description
The PWM module consists of a 16-bit counter, a comparator and the cycle generation logic.
PWM Generation
The counter increments continuously, clocked at internal clock generated by prescaler.
Whenever the 16 bits of the counter (defined as the PWM counter) overflow, the output level
is set. The overflow value is defined by CYREG register.
The state of the PWM counter is continuously compared to the PWM binary weight, as
defined in DUTYREG register, and when a match occurs the output level is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com