Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9803 Datasheet(PDF) 79 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 75Page - STMicroelectronics L9803 Datasheet HTML 76Page - STMicroelectronics L9803 Datasheet HTML 77Page - STMicroelectronics L9803 Datasheet HTML 78Page - STMicroelectronics L9803 Datasheet HTML 79Page - STMicroelectronics L9803 Datasheet HTML 80Page - STMicroelectronics L9803 Datasheet HTML 81Page - STMicroelectronics L9803 Datasheet HTML 82Page - STMicroelectronics L9803 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 126 page
background image
L9803
On-Chip Peripherals
79/126
monitored unless the node is not bus-off and the FSYN bit in the CSR register is set in
which case a single sequence of 11 recessive bits needs to be monitored.
IDLE. The CAN controller looks for one of the following events: the RUN bit is reset, a
Start Of Frame appears on the CAN bus or the DATA7 register of the currently active
page is written to.
TRANSMISSION. Once the LOCK bit of a Buffer Control/Status Register (BCSRx) has
been set and read back as such, a transmit job can be submitted by writing to the
DATA7 register. The message with the highest priority will be transmitted as soon as
the CAN bus becomes idle. Among those messages with a pending transmission
request, the highest priority is given to Buffer 3 then 2 and 1. If the transmission fails
due to a lost arbitration or to an error while the NRTX bit of the CSR register is reset,
then a new transmission attempt is performed . This goes on until the transmission
ends successfully or until the job is cancelled by unlocking the buffer, by setting the
NRTX bit or if the node ever enters bus-off or if a higher priority message becomes
pending. The RDY bit in the BCSRx register, which was set since the job was
submitted, gets reset. When a transmission is in progress, the BUSY bit in the BCSRx
register is set. If it ends successfully then the TXIF bit in the Interrupt Status Register
(ISR) is set, else the TEIF bit is set. An interrupt is generated in either case provided
the TXIE and TEIE bits of the ICR register are set. The ETX bit in the same register is
used to get an early transmit interrupt and to automatically unlock the transmitting
buffer upon successful completion of its job. This enables the CPU to get a new
transmit job pending by the end of the current transmission while always leaving two
buffers available for reception. An uninterrupted stream of messages may be
transmitted in this way at no overrun risk.
Note 1: Setting the SRTE bit of the CSR register allows transmitted messages to be
simultaneously received when they pass the acceptance filtering. This is particularly
useful for checking the integrity of the communication path.
Note 2: When the ETX bit is reset, the buffer with the highest priority and with a
pending transmission request is always transmitted. When the ETX bit is set, once a
buffer participates in the arbitration phase, it is sent until it wins the arbitration even if
another transmission is requested from a buffer with a higher priority.
RECEPTION. Once the CAN controller has synchronized itself onto the bus activity, it
is ready for reception of new messages. Every incoming message gets its identifier
compared to the acceptance filters. If the bitwise comparison of the selected bits ends
up with a match for at least one of the filters then that message is elected for reception
and a target buffer is searched for. This buffer will be the first one - order is 1 to 3 - that
has the LOCK and RDY bits of its BCSRx register reset.
When no such buffer exists then an overrun interrupt is generated if the ORIE bit
of the ICR register has been set. In this case the identifier of the last message is
made available in the Last Identifier Register (LIDHR and LIDLR) at least until it
gets overwritten by a new identifier picked-up from the bus.
When a buffer does exist, the accepted message gets written into it, the ACC bit in
the BCSRx register gets the number of the matching filter, the RDY and RXIF bits
get set and an interrupt is generated if the RXIE bit in the ISR register is set.
Up to three messages can be automatically received without intervention from the CPU
because each buffer has its own set of status bits, greatly reducing the reactiveness
requirements in the processing of the receive interrupts.
ERROR. The error management as described in the CAN protocol is completely
handled by hardware using 2 error counters which get incremented or decremented
according to the error condition. Both of them may be read by the application to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com