Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9803 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 20Page - STMicroelectronics L9803 Datasheet HTML 21Page - STMicroelectronics L9803 Datasheet HTML 22Page - STMicroelectronics L9803 Datasheet HTML 23Page - STMicroelectronics L9803 Datasheet HTML 24Page - STMicroelectronics L9803 Datasheet HTML 25Page - STMicroelectronics L9803 Datasheet HTML 26Page - STMicroelectronics L9803 Datasheet HTML 27Page - STMicroelectronics L9803 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 126 page
background image
Clocks, Reset, Interrupts & Power saving modes
L9803
24/126
Reset Value:0000 0000 (00h)
b0 - Slow Mode Select
0- Normal mode - Oscillator frequency / 2 (Reset state)
1- Slow mode (Bits b1 and b2 define the prescaler factor)
b1, b2 - CPU clock prescaler for Slow Mode
b3, b4 - External Interrupt Option
The selection issued from b3/b4 combination is applied to PA[0]..PA[7],PB0,PB1 external
interrupt. The selection can be made only if I bit in CC register is reset (interrupt enabled).
b3, b4 can be written only when the Interrupt Mask (I) of the CC (Condition Code) register is
set to 1.
b5,b6,b7 = not used
3.5
Reset
3.5.1
Introduction
There are four sources of Reset:
NRESET pin (external source)
Power-On Reset / Low Voltage Detection (Internal source)
WATCHDOG (Internal Source)
SAFEGUARD (Internal source)
The Reset Service Routine vector is located at address FFFEh-FFFFh.
-
-
-
b4b3
b2
b1b0
b2
b1
Option
0
0
Oscillator frequency / 4
1
0
Oscillator frequency / 8
0
1
Oscillator frequency / 16
1
1
Oscillator frequency / 32
b4
b3
Option
0
0
Falling edge and low level (Reset state)
1
0
Falling edge only
0
1
Rising edge only
1
1
Rising and Falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com