Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPZB260 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPZB260
Description  ZigBee® module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB260 Datasheet(HTML) 1 Page - STMicroelectronics

  SPZB260 Datasheet HTML 1Page - STMicroelectronics SPZB260 Datasheet HTML 2Page - STMicroelectronics SPZB260 Datasheet HTML 3Page - STMicroelectronics SPZB260 Datasheet HTML 4Page - STMicroelectronics SPZB260 Datasheet HTML 5Page - STMicroelectronics SPZB260 Datasheet HTML 6Page - STMicroelectronics SPZB260 Datasheet HTML 7Page - STMicroelectronics SPZB260 Datasheet HTML 8Page - STMicroelectronics SPZB260 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
February 2009
Rev 3
1/15
15
SPZB260
ZigBee® module
Features
Integrated 2.4 GHz, IEEE 802,15,4-compliant
transceiver:
– + 3 dBm nominal TX output power
– -95 dBm RX sensitivity
– + 5 dBm in boost mode
– RX filtering for co-existence with IEEE
802.11g and Bluetooth devices
– Integrated VCO and loop filter
IntegratedIEEE802.15.4PHYandMAC
Controlled by a Standard Serial Line for an
easy interface of host microcontrollers (SPI)
Embedded flash and integrated RAM for
program and data storage
On board 24 MHz stable Xtal
Integrated RC oscillator (typ 10 kHz) for low
power operation
1
µA power consumption in Deep sleep mode
Watchdog timer and power on reset
Pins available for Non-intrusive debug
interface (SIF)
Single supply voltage 2.1 to 3.6 Vdc.
Available Link and Activity outputs for external
Indication / monitor
CE compliant
FCC compliant (FCC ID:S9NZB260A)
Applications
Industrial controls
Sensor networking
Monitoring of remote systems
Home applications
Security systems
Lighting controls
Description
SPZB260 is a low power consumption ZigBee®
module optimized for embedded applications. It
enables OEMs to easily add wireless capability to
electronic devices.
The module is based on SN260 ZigBee® Network
Processor which integrates a 2.4 GHz, IEEE
802.15.4-compliant transceiver as well as IEEE
802.15.4 PHY and MAC.
24 MHz high stability Xtal is available aboard the
module to perform the timing requirements as per
ZigBee® specifications.
A single supply voltage is requested to power the
module. An integrated 2.5 GHz specific Murata
antenna is aboard. The voltage supply also
determines the I/O ports level allowing an easy
interface with the host system.
The module is controlled by means of a standard
serial interface (SPI) allowing the connections to a
variety of Host microcontrollers.
(for other information and details, please refer to
SN260 Datasheet available at www.st.com)
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - SPZB260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPZB260-PRO STMICROELECTRONICS-SPZB260-PRO Datasheet
363Kb / 15P
ZigBee® module
22-Apr-2009
SPZB260ADP STMICROELECTRONICS-SPZB260ADP Datasheet
400Kb / 11P
Adapter board
18-Apr-2008
More results

Similar Description - SPZB260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZB21 ETC2-ZB21 Datasheet
759Kb / 5P
ZigBee OEM Module
logo
RF Micro Devices
ZPM3570 RFMD-ZPM3570 Datasheet
1Mb / 18P
ZigBee Pro Module
logo
RF Monolithics, Inc
ZPM3570-E RFM-ZPM3570-E Datasheet
1Mb / 18P
ZigBee Pro Module
logo
List of Unclassifed Man...
PROBEE-ZE20S ETC-PROBEE-ZE20S Datasheet
1Mb / 19P
ZigBee OEM module
ZE10-KR ETC-ZE10-KR Datasheet
419Kb / 2P
Zigbee oem module
logo
HOPE Microelectronics C...
HPZB01 HOPE-HPZB01 Datasheet
1Mb / 14P
ZigBee RF Transceiver Module
logo
EnOcean GmbH.
PTM216Z ENOCEAN-PTM216Z Datasheet
120Kb / 1P
ZigBee® Green Power Generic Switch Pushbutton Module
March 2020
logo
Silicon Laboratories
ETRX3585-LRS SILABS-ETRX3585-LRS Datasheet
2Mb / 41P
ETRX3585-LRS ZIGBEE® MODULES
ETRX358X-LRS SILABS-ETRX358X-LRS Datasheet
2Mb / 41P
ETRX358x-LRS ZIGBEE® MODULES
ETRX358X SILABS-ETRX358X Datasheet
2Mb / 40P
ETRX358x ZIGBEE® MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com