Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPZB260 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPZB260
Description  ZigBee® module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB260 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPZB260 Datasheet HTML 6Page - STMicroelectronics SPZB260 Datasheet HTML 7Page - STMicroelectronics SPZB260 Datasheet HTML 8Page - STMicroelectronics SPZB260 Datasheet HTML 9Page - STMicroelectronics SPZB260 Datasheet HTML 10Page - STMicroelectronics SPZB260 Datasheet HTML 11Page - STMicroelectronics SPZB260 Datasheet HTML 12Page - STMicroelectronics SPZB260 Datasheet HTML 13Page - STMicroelectronics SPZB260 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Soldering
SPZB260
10/15
6
Soldering
Soldering phase has to be execute with care: in order to avoid undesired melting
phenomenon, particular attention has to be take on the set up of the Peak Temperature.
Here following some suggestions for the temperature profile based on
IPC/JEDEC J-STD-020C, July 2004 recommendations.
Figure 5.
Soldering
Table 7.
Soldering
Profile feature
PB free assembly
Average ramp up rate (TSMAX to TP)
3 °C / sec max
Preheat
Temperature min (TS MIN)
Temperature max (TS MAX)
Time (TS MIN to TS MAX) (tS)
150 °C
200 °C
60 – 100 sec
Time maintained above:
Temperature TL
Time tL
217 °C
40 – 70 sec
Peak temperature (Tp)
240+0 °C
Time within 5 °C of actual peak temperature (tP)
10 – 20 sec
Ramp down rate
6 °C / sec
Time from 25 °C to peak temperature
8 minutes max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com