Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPZB260 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPZB260
Description  ZigBee® module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB260 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPZB260 Datasheet HTML 7Page - STMicroelectronics SPZB260 Datasheet HTML 8Page - STMicroelectronics SPZB260 Datasheet HTML 9Page - STMicroelectronics SPZB260 Datasheet HTML 10Page - STMicroelectronics SPZB260 Datasheet HTML 11Page - STMicroelectronics SPZB260 Datasheet HTML 12Page - STMicroelectronics SPZB260 Datasheet HTML 13Page - STMicroelectronics SPZB260 Datasheet HTML 14Page - STMicroelectronics SPZB260 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
FCC statement
SPZB260
12/15
A.1
Label instruction
Instruction manual for FCC ID labeling
Module type:
ZigBee® module
SPZB260
FCC-ID:
S9NZB260A
This intends to inform you how to specify the FCC ID of our ZigBee® module SPZB260 on
your final product.
Based on the Public Notice from FCC, the product into which our transmitter module is
installed must display a label referring to the enclosed module.
The label should use wording such as “Contains Transmitter module FCC ID: S9NZB260A
or “Contains FCC ID: S9NZB260A, any similar wording that expressed the same meaning
may be use.
It shows an example below
A.2
Special requirement for Modular application
The following requirements are fulfilled:
1.
The modular transmitter must have its own RF shielding:
The RF module used on the board fulfils the emission requirements of the FCC rules
without additional shielding.
2.
The modular transmitter must have buffered modulation/data inputs:
The module has a memory management unit inside of the IC. The processor
interfacing with the external application by means general purpose I/O (GPIO), Uart,
SPI. The processor interfaces also the RF part of the module exchanging data and
command with it. Inside the processor a flash memory is available to download the
customer application and the ZigBee® profiles.
3.
The modular transmitter must have its own power supply regulation:
The IC contains an own voltage regulation. In case of changes in the supply voltage
VCC (for example caused by temperature changes or other effects), the internal
voltage will be stabilized.
4.
The modular transmitter must comply with the antenna requirements of Section 15.203
and 15.204:
The RF module is for OEM (Original Equipment Manufacturer) integration only. The
end-user product will be professionally installed in such a manner that only the
authorized antenna is used.
5.
The modular transmitter must be tested in a stand-alone configuration:
The RF module was tested in a stand-alone configuration.
6.
The modular transmitter must be labelled with its own FCC ID number:
The RF module will be labelled with its own FCC ID number. When the module is
installed inside the end-product, the label is not visible. The OEM manufacturer is
instructed how to apply the exterior label.
Contains FCC ID: S9NZB260A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com