Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

13892 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  13892 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 156 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
13892
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
TSY1
TSY2
BP
Switchers
ADTRIG
GNDADC
ADIN7
MUX
10 Bit GP
ADC
LICELL
GPO
Control
RTC +
Calibration
GNDSW2
SW2FB
SW2OUT
SW1IN
SW1
1050 mA
Buck
SW2IN
O/P
Drive
GNDSW1
SW1FB
SW1OUT
SW3IN
O/P
Drive
GNDSW3
SW3FB
SW3OUT
GNDSWBST
SWBSTFB
SWBSTIN
SWBSTOUT
O/P
Drive
Monitor
Timer
O/P
Drive
PLL
32 KHz
Crystal
Osc
PWGTDRV1
PWR Gate
Drive & Chg
Pump
To Interrupt
Section
Die Temp &
Thermal Warning
Detection
LCELL
Switch
Enables &
Control
SPI Result
Registers
Interrupt
Inputs
Core Control Logic, Timers, & Interrupts
32 KHz
Internal
Osc
Battery Interface &
Protection
LICELL, UID, Die Temp, GPO4
ADIN6
GNDREG1
GNDREG2
DVS2
DVS1
ADIN5
A/D Result
A/D
Control
Trigger
Handling
DVS
CONTROL
32 KHz
Buffers
Output Pin
Input Pin
Bi-directional Pin
Package Pin Legend
MC13892
IC
Charger Interface and Control:
4 bit DAC, Clamp, Protection,
Trickle Generation
PWGTDRV2
SPI
Interface
+
Muxed
I2C
Optional
Interface
CS
CLK
GNDSPI
MISO
SPI
Registers
MOSI
Shift Register
Shift Register
SPIVCC
To Enables & Control
To
Trimmed
Circuits
SPI
Control
Logic
Trim-In-Package
Startup
Sequencer
Decode
Trim?
PUMS
Control
Logic
Li Cell
Charger
SW2
800 mA
Buck
SW3
800 mA
Buck
SWBST
300 mA
Boost
Voltage /
Current
Sensing &
Translation
Backlight
LED Drive
MC13892
TSX2
TSX1
TSREF
Touch
Screen
Interface
Coulomb
Counter
CFP
CFM
BATTISNSCC
BATT
CCOUT
To SPI
SW4IN
O/P
Drive
GNDSW4
SW4FB
SW4OUT
SW4
800 mA
Buck
VSRTC
Tri-Color
LED Drive
VINDIG
VPLL
VIOHI
Pass
FET
VPLL
Pass
FET
VDIG
Pass
FET
VGEN1
VDIG
VINIOHI
VIOHI
VGEN1DRV
VGEN1
VCAM
Pass
FET
VINCAMDRV
VCAM
VSDDRV
VSD
Pass
FET
VUSB2
VVIDEODRV
VVIDEO
VVIDEO
VINUSB2
VUSB2
SPI Control
VGEN2
VGEN2DRV
VGEN2
VSD
UVBUS
VINUSB
VUSB
UID
Best
of
Supply
VGEN3
VINGEN3DRV
VGEN3
Reference
Generation
VCOREDIG
GNDCORE
VCORE
REFCORE
VBUS/ID
Detectors
VUSB
Regulator
OTG
5V
VBUSEN
VAUDIO
Pass
FET
VAUDIO
GNDREG3
VINAUDIO
VINPLL
Pass
FET
Figure 2. 13892 Simplified Internal Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com