Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

13892 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  13892 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
POWER MANAGEMENT IC
13892
VK SUFFIX
98ASA10820D
139-PIN 7X7MM BGA
VL SUFFIX
98ASA10849D
186-PIN 12X12MM BGA
ORDERING INFORMATION
See Device Variation Table on Page 2.
Document Number: MC13892
Rev. 11.0, 2/2011
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2010 - 2011. All rights reserved.
Power Management and User
Interface IC
The 13892 is a Power Management and User Interface component
for Freescale’s i.MX51, i.MX37, i.MX35, i.MX31 and i.MX27
application processors, targeting netbooks, ebooks, mobile internet
devices, smart phones, personal media players and personal
navigation devices.
Features
• Battery charger system for wall charging and USB charging
• 10 bit ADC for monitoring battery and other inputs, plus a coulomb
counter support module
• 4 adjustable output buck converters for direct supply of the
processor core and memory
• 12 adjustable output LDOs with internal and external pass devices
• Boost converter for supplying RGB LEDs
• Serial backlight drivers for displays and keypad, plus RGB LED
drivers
• Power control logic with processor interface and event detection
• Real time clock and crystal oscillator circuitry, with coin cell backup
and support for external secure real time clock on a companion
system processor IC
• Touch screen interface
• SPI/I2C bus interface for control and register access
• Two package offerings in 7 x 7 mm and 12 x 12 mm
CALENDAR
USB
Li Ion
Battery
Adapter
Camera
AP
Aud& Pwr Mgmt
Camera
MC13892
Power Mgmt &
User Interface
i.MX51
Apps Processor
BT (+FM)
Display
Backlight
SPI/I2C
SSI
UI
RTC
Touch
Screen
AP
Aud
Audio
IC
Mic Inputs
Stereo
Loudspeakers
Line
In/Out
UI
Backlight
Stereo
headphones
Power
Power
Coin Cell
Battery
Charger LED
RGB
Color
Indicators
CALENDAR
CALENDAR
USB
Li Ion
Battery
Adapter
Camera
AP
Aud& Pwr Mgmt
Camera
MC13892
Power Mgmt &
User Interface
i.MX51
Apps Processor
BT (+FM)
Display
Backlight
SPI/I2C
SSI
UI
UI
RTC
Touch
Screen
AP
Aud
Audio
IC
Mic Inputs
Stereo
Loudspeakers
Line
In/Out
UI
Backlight
Stereo
headphones
Power
Power
Coin Cell
Battery
Charger LED
RGB
Color
Indicators
Figure 1. 13892 Typical Operating Circuit


Similar Part No. - 13892

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
13892 FREESCALE-13892 Datasheet
3Mb / 75P
Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
6Mb / 161P
Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
10Mb / 158P
Power Management Integrated Circuit (PMIC) for i.MX35/51
Rev. 19.0, 4/2014
logo
Weidmuller
1389260000 WEIDMULLER-1389260000 Datasheet
102Kb / 4P
SLAD 12/6/90B 3.2SN OR
logo
Freescale Semiconductor...
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
Power Management and User Interface IC
More results

Similar Description - 13892

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
ON Semiconductor
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
logo
Freescale Semiconductor...
13892 FREESCALE-13892 Datasheet
3Mb / 75P
Power Management and User Interface IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
Versatile Power Management and Smart Card Interface IC
logo
Freescale Semiconductor...
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
Power Management and User Interface IC
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
Power- and Battery-Management IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
System Power Management and Protection IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
Versatile Power Management and Smart Card Interface IC
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com