Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

13892 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 156 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
13892
PIN CONNECTIONS
Table 2. 13892 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 32.
Pin Number
on the
13982VK
7x7 mm
Pin Number on
the 13982VL
12x12 mm
Pin Name
Rating
(V)
Pin Function
Formal Name
Definition
A1, A2, B1
A2
VUSB2
3.6
Output
USB 2 Supply
Output regulator for USB PHY
A3
A3
VINUSB2
5.5
Power
USB 2 Supply Input
Input regulator VUSB2
A4
A5
SWBSTIN
5.5
Power
Switcher Boost Power
Input
Switcher BST input
A5
D5
GNDSWBST
-
Ground
Switcher Boost Ground Ground for switcher BST
A6
D8
GNDBL
-
Ground
Backlight LED Ground Ground for serial LED drive
A7
A7
NC
-
-
No Connect
Do NOT connect
A8
A8
MODE
9.0
Input
Mode Configuration
USB LBP mode, normal mode, test mode
selection & anti-fuse bias
A9
A9
VCORE
3.6
Output
Core Supply
Regulated supply output for the IC analog
core circuitry
A10
A10
BATT
5.5
Input
Battery Connection
1. Battery positive terminal
2. Battery current sensing point 2
3. Battery supply voltage sense
A11
A11
CHRGRAW
20
I/O
Charger Input
1. Charger input
2. Output to battery supplied accesories
A12, A13, B13
A12
CHRGCTRL2
5.5
Output
Charger Control 2
Driver output for charger path FETs M2
B2
B2
GPO1
3.6
Output
General Purpose
Output 1
General purpose output 1
B3
C2
DVS2
3.6
Input
Dynamic Voltage
Scaling Control 2
Switcher 2 DVS input pin
B4
A4
SWBSTOUT
7.5
Power
Switcher Boost Output Switcher BST BP supply
B5
C4
LEDB
7.5
Input
LED Driver
General purpose LED current sink driver
Blue
B6
C6
LEDKP
28
Input
LED Driver
Keypad lighting LEDcurrent sink driver
B7
B5
LEDR
7.5
Input
LED Driver
General purpose LED current sink driver Red
B8
B9
GNDCORE
-
Ground
Core Ground
Ground for the IC core circuitry
B9
C9
VCOREDIG
1.5
Output
Digital Core Supply
Regulated supply output for the IC digital
core circuitry
B10
B11
BP
5.5
Power
Battery Plus
1. Application supply point
2. Input supply to the IC core circuitry
3. Application supply voltage sense
B11
D9
CHRGCTRL1
20
Output
Charger Control 1
Driver output for charger path FETs M1
B12
B13
BATTISNSCC
4.8
Input
Battery Current Sense Accumulated current counter current sensing
point
C1
E3
VINPLL
5.5
Power
PLL Supply Input
Input regulator processor PLL
C2
B1
VSDDRV
5.5
Output
VSD Driver
Drive output regulated SD card
C12
A13
CHRGISNS
4.8
Input
Charger Current Sense Charge current sensing point 1
C13
B14
BATTISNS
4.8
Input
Battery Current Sense Battery current sensing point 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com