Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSSB05P Datasheet(PDF) 1 Page - Protek Devices

Part # PSSB05P
Description  ultra LOW CAPACITANCE - super speed bus protection - TVS ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSSB05P Datasheet(HTML) 1 Page - Protek Devices

  PSSB05P Datasheet HTML 1Page - Protek Devices PSSB05P Datasheet HTML 2Page - Protek Devices PSSB05P Datasheet HTML 3Page - Protek Devices PSSB05P Datasheet HTML 4Page - Protek Devices PSSB05P Datasheet HTML 5Page - Protek Devices PSSB05P Datasheet HTML 6Page - Protek Devices PSSB05P Datasheet HTML 7Page - Protek Devices PSSB05P Datasheet HTML 8Page - Protek Devices PSSB05P Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05336.R0 3/11
Page 1
PSSB05P
ultRa lOW CaPaCItaNCE - SuPER SPEEd BuS PROtECtION - tVS aRRaY
dESCRIPtION
The PSSB05P is an ultra low capacitance transient voltage suppressor array, designed to protect super speed bus ap-
plications such as USB 3.0, HDMI1.4 and eSATA from the damaging effects of Electrostatic Discharge and Electrical Fast
Transients.
The PSSB05P meets IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) requirements. At higher operating frequencies or
faster edge rates, insertion loss and signal integrity are a major concern. This device offers an ultra low capacitance
and low leakage current in a miniature DFN-2-0402 package.
FEatuRES
• Compatible with IEC 61000-4-2 (ESD): Air(Level 2) 6kV, Contact(Level
3) 6kV
• Compatible with IEC 61000-4-4 (EFT)
• Compatible with IEC 61000-4-5 (Surge)
• 20 Watts Peak Pulse Power per Line (tp = 8/20µs)
• ESD Protection
• Low Clamping Voltage
• Protects One Bidirectional Line
• Ultra Low Capacitance: 0.3 pF Typical
• RoHS Compliant
• REACH Compliant
MEChaNICal ChaRaCtERIStICS
• Molded JEDEC DFN-2-0402 Package
• Approximate Weight: 2 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPlICatIONS
•USB3.0Interface
•HDMI1.4
• Gigabit Ethernet
• eSATA
PIN CONFIGuRatION
1
2
dFN-2 PaCkaGE


Similar Part No. - PSSB05P

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSSB05P PROTEC-PSSB05P_12 Datasheet
943Kb / 9P
ULTRA LOW CAPACITANCE - SUPER SPEED BUS PROTECTION - TVS ARRAY
More results

Similar Description - PSSB05P

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
PSSB05P PROTEC-PSSB05P_12 Datasheet
943Kb / 9P
ULTRA LOW CAPACITANCE - SUPER SPEED BUS PROTECTION - TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
Ultra Low Capacitance TVS Array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com