Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSSB05P Datasheet(PDF) 2 Page - Protek Devices

Part # PSSB05P
Description  ultra LOW CAPACITANCE - super speed bus protection - TVS ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSSB05P Datasheet(HTML) 2 Page - Protek Devices

  PSSB05P Datasheet HTML 1Page - Protek Devices PSSB05P Datasheet HTML 2Page - Protek Devices PSSB05P Datasheet HTML 3Page - Protek Devices PSSB05P Datasheet HTML 4Page - Protek Devices PSSB05P Datasheet HTML 5Page - Protek Devices PSSB05P Datasheet HTML 6Page - Protek Devices PSSB05P Datasheet HTML 7Page - Protek Devices PSSB05P Datasheet HTML 8Page - Protek Devices PSSB05P Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05336.R0 3/11
Page 2
PSSB05P
tYPICal dEVICE ChaRaCtERIStICS
MaXIMuM RatINGS @ 25°C unless Otherwise Specified
PaRaMEtER
SYMBOl
ValuE
uNItS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
20
Watts
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ElECtRICal ChaRaCtERIStICS PER lINE @ 25°C unless Otherwise Specified
PaRt
NuMBER
dEVICE
MaRkING
RatEd
StaNd-OFF
VOltaGE
V
WM
VOltS
MINIMuM
BREakdOWN
VOltaGE
@ 1ma
V
(BR)
VOltS
MaXIMuM
ClaMPING
VOltaGE
(Fig. 2)
@I
P = 1a
V
C
VOltS
MaXIMuM
lEakaGE
CuRRENt
@V
WM
I
d
µa
tYPICal
CaPaCItaNCE
@0V, 1Mhz
C
J
pF
PSSB05P
S
5.0
6.0
20
1
0.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com