Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 35Page - Texas Instruments TMS320F2811 Datasheet HTML 36Page - Texas Instruments TMS320F2811 Datasheet HTML 37Page - Texas Instruments TMS320F2811 Datasheet HTML 38Page - Texas Instruments TMS320F2811 Datasheet HTML 39Page - Texas Instruments TMS320F2811 Datasheet HTML 40Page - Texas Instruments TMS320F2811 Datasheet HTML 41Page - Texas Instruments TMS320F2811 Datasheet HTML 42Page - Texas Instruments TMS320F2811 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
3.3
Register Map
The F281x and C281x devices contain three peripheral register spaces. The spaces are categorized as
follows:
Peripheral Frame 0:
These are peripherals that are mapped directly to the CPU memory bus.
See Table 3-6.
Peripheral Frame 1:
These are peripherals that are mapped to the 32-bit peripheral bus.
See Table 3-7.
Peripheral Frame 2:
These are peripherals that are mapped to the 16-bit peripheral bus.
See Table 3-8.
Table 3-6. Peripheral Frame 0 Registers(1)
NAME
ADDRESS RANGE
SIZE (x16)
ACCESS TYPE(2)
Device Emulation Registers
0x00 0880 – 0x00 09FF
384
EALLOW protected
Reserved
0x00 0A00 – 0x00 0A7F
128
EALLOW protected
FLASH Registers(3)
0x00 0A80 – 0x00 0ADF
96
CSM Protected
Code Security Module Registers
0x00 0AE0 – 0x00 0AEF
16
EALLOW protected
Reserved
0x00 0AF0 – 0x00 0B1F
48
XINTF Registers
0x00 0B20 – 0x00 0B3F
32
Not EALLOW protected
Reserved
0x00 0B40 – 0x00 0BFF
192
CPU-TIMER0/1/2 Registers
0x00 0C00 – 0x00 0C3F
64
Not EALLOW protected
Reserved
0x00 0C40 – 0x00 0CDF
160
PIE Registers
0x00 0CE0 – 0x00 0CFF
32
Not EALLOW protected
PIE Vector Table
0x00 0D00 – 0x00 0DFF
256
EALLOW protected
Reserved
0x00 0E00 – 0x00 0FFF
512
(1)
Registers in Frame 0 support 16-bit and 32-bit accesses.
(2)
If registers are EALLOW protected, then writes cannot be performed until the user executes the EALLOW instruction. The EDIS
instruction disables writes. This prevents stray code or pointers from corrupting register contents.
(3)
The Flash Registers are also protected by the Code Security Module (CSM).
Table 3-7. Peripheral Frame 1 Registers(1)
NAME
ADDRESS RANGE
SIZE (x16)
ACCESS TYPE
256
Some eCAN control registers (and selected bits in
eCAN Registers
0x00 6000 – 0x00 60FF
(128 x 32)
other eCAN control registers) are EALLOW-protected.
256
eCAN Mailbox RAM
0x00 6100 – 0x00 61FF
Not EALLOW-protected
(128 x 32)
Reserved
0x00 6200 – 0x00 6FFF
3584
(1)
The eCAN control registers only support 32-bit read/write operations. All 32-bit accesses are aligned to even address boundaries.
Copyright © 2001–2011, Texas Instruments Incorporated
Functional Overview
39
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com