Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 79Page - Texas Instruments TMS320F2811 Datasheet HTML 80Page - Texas Instruments TMS320F2811 Datasheet HTML 81Page - Texas Instruments TMS320F2811 Datasheet HTML 82Page - Texas Instruments TMS320F2811 Datasheet HTML 83Page - Texas Instruments TMS320F2811 Datasheet HTML 84Page - Texas Instruments TMS320F2811 Datasheet HTML 85Page - Texas Instruments TMS320F2811 Datasheet HTML 86Page - Texas Instruments TMS320F2811 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
4.8
GPIO MUX
The GPIO Mux registers are used to select the operation of shared pins on the F281x and C281x devices.
The pins can be individually selected to operate as “Digital I/O” or connected to “Peripheral I/O” signals
(via the GPxMUX registers). If selected for “Digital I/O”mode, registers are provided to configure the pin
direction (via the GPxDIR registers) and to qualify the input signal to remove unwanted noise (via the
GPxQUAL) registers). Table 4-11 lists the GPIO Mux Registers.
Table 4-11. GPIO Mux Registers(1)(2)(3)
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
GPAMUX
0x00 70C0
1
GPIO A Mux Control Register
GPADIR
0x00 70C1
1
GPIO A Direction Control Register
GPAQUAL
0x00 70C2
1
GPIO A Input Qualification Control Register
Reserved
0x00 70C3
1
GPBMUX
0x00 70C4
1
GPIO B Mux Control Register
GPBDIR
0x00 70C5
1
GPIO B Direction Control Register
GPBQUAL
0x00 70C6
1
GPIO B Input Qualification Control Register
Reserved
0x00 70C7
1
Reserved
0x00 70C8
1
Reserved
0x00 70C9
1
Reserved
0x00 70CA
1
Reserved
0x00 70CB
1
GPDMUX
0x00 70CC
1
GPIO D Mux Control Register
GPDDIR
0x00 70CD
1
GPIO D Direction Control Register
GPDQUAL
0x00 70CE
1
GPIO D Input Qualification Control Register
Reserved
0x00 70CF
1
GPEMUX
0x00 70D0
1
GPIO E Mux Control Register
GPEDIR
0x00 70D1
1
GPIO E Direction Control Register
GPEQUAL
0x00 70D2
1
GPIO E Input Qualification Control Register
Reserved
0x00 70D3
1
GPFMUX
0x00 70D4
1
GPIO F Mux Control Register
GPFDIR
0x00 70D5
1
GPIO F Direction Control Register
Reserved
0x00 70D6
1
Reserved
0x00 70D7
1
GPGMUX
0x00 70D8
1
GPIO G Mux Control Register
GPGDIR
0x00 70D9
1
GPIO G Direction Control Register
Reserved
0x00 70DA
1
Reserved
0x00 70DB
1
Reserved
0x00 70DC – 0x00 70DF
4
(1)
Reserved locations return undefined values and writes are ignored.
(2)
Not all inputs support input signal qualification.
(3)
These registers are EALLOW protected. This prevents spurious writes from overwriting the contents and corrupting the system.
Copyright © 2001–2011, Texas Instruments Incorporated
Peripherals
83
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com