Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 19Page - Texas Instruments TMS320F2811 Datasheet HTML 20Page - Texas Instruments TMS320F2811 Datasheet HTML 21Page - Texas Instruments TMS320F2811 Datasheet HTML 22Page - Texas Instruments TMS320F2811 Datasheet HTML 23Page - Texas Instruments TMS320F2811 Datasheet HTML 24Page - Texas Instruments TMS320F2811 Datasheet HTML 25Page - Texas Instruments TMS320F2811 Datasheet HTML 26Page - Texas Instruments TMS320F2811 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Table 2-2. Signal Descriptions (continued)
PIN NO.
NAME
I/O/Z(2)
PU/PD(3)
DESCRIPTION
179-BALL
176-PIN
128-PIN
GHH/ZHH
PGF
PBK
ADC External Current Bias Resistor.
Use 24.9 k
Ω ± 5% for ADC clock range
ADCRESEXT
F2
16
16
O
–
1–18.75 MHz; use 20 k
Ω ± 5% for ADC clock
range 18.75 MHz–25 MHz.
Test Pin. Reserved for TI. Must be left
ADCBGREFIN
E6
164
116
–
–
unconnected.
AVSSREFBG
E3
12
12
–
–
ADC Analog GND
AVDDREFBG
E1
13
13
–
–
ADC Analog Power (3.3-V)
Common Low Side Analog Input. Connect to
ADCLO
B3
175
127
–
–
analog ground.
VSSA1
F3
15
15
–
–
ADC Analog GND
VSSA2
C5
165
117
–
–
ADC Analog GND
VDDA1
F4
14
14
–
–
ADC Analog 3.3-V Supply
VDDA2
A5
166
118
–
–
ADC Analog 3.3-V Supply
VSS1
C6
163
115
–
–
ADC Digital GND
VDD1
A6
162
114
–
–
ADC Digital 1.8-V (or 1.9-V) Supply
VDDAIO
B2
1
1
–
–
3.3-V Analog I/O Power Pin
VSSAIO
A2
176
128
–
–
Analog I/O Ground Pin
POWER SIGNALS
VDD
H1
23
20
–
–
VDD
L1
37
29
–
–
VDD
P5
56
42
–
–
VDD
P9
75
56
–
–
1.8-V or 1.9-V Core Digital Power Pins. See
VDD
P12
–
63
–
–
Section 6.2, Recommended Operating
VDD
K12
100
74
–
–
Conditions, for voltage requirements.
VDD
G12
112
82
–
–
VDD
C14
128
94
–
–
VDD
B10
143
102
–
–
VDD
C8
154
110
–
–
VSS
G4
19
17
–
–
VSS
K1
32
26
–
–
VSS
L2
38
30
–
–
VSS
P4
52
39
–
–
VSS
K6
58
–
–
–
VSS
P8
70
53
–
–
VSS
M10
78
59
–
–
VSS
L11
86
62
–
–
Core and Digital I/O Ground Pins
VSS
K13
99
73
–
–
VSS
J14
105
–
–
–
VSS
G13
113
–
–
–
VSS
E14
120
88
–
–
VSS
B14
129
95
–
–
VSS
D10
142
–
–
–
VSS
C10
–
103
–
–
VSS
B8
153
109
–
–
Copyright © 2001–2011, Texas Instruments Incorporated
Introduction
23
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com