Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC922 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC922
Description  High Power OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC922 Datasheet(HTML) 1 Page - Sharp Corporation

  PC922 Datasheet HTML 1Page - Sharp Corporation PC922 Datasheet HTML 2Page - Sharp Corporation PC922 Datasheet HTML 3Page - Sharp Corporation PC922 Datasheet HTML 4Page - Sharp Corporation PC922 Datasheet HTML 5Page - Sharp Corporation PC922 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PC922
PC922
High Power OPIC Photocoupler
s Features
1. Built-in base amplifier for inverter drive
O1
: MAX. 0.5A ( DC ) )
3. High isolation voltage between input
4. High noise reduction type
5. High speed response ( tPHL , t PLH : MAX. 5
µ s)
6. High sensitivity ( IFLH : MAX. 3mA )
s Applications
1. Inverter controlled air conditioners
2. Small capacitance general purpose inver-
O2P
: MAX. 2.0A ( pulse ) )
and output ( Viso
ters
s Absolute Maximum Ratings
Internal connection diagram
Anode
Interface
Amp
Tr1
Tr2
PC922
mark
θθ
s Outline Dimensions
( Unit : mm)
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
1
23
4
5
6
7
8
1
23
4
5
6
7
8
1 Anode
2 Cachode
3 NC
4 NC
7 GND
2. High power ( I
(I
( Ta= Topr unless otherwise specified)
*1 Ta = 25˚C
*2 Pulse width <= 5
µs, Duty ratio : 0.01
Ta = 25˚C
*4 For 10 seconds
Parameter
Symbol
Rating
Unit
Input
Forward current
I F
25
mA
V R
6V
Output
Supply voltage
V CC
18
V
O1 output current
IO1
0.5
A
IO1P
1.0
A
O2 output current
IO2
0.6
A
IO2P
2.0
A
O 1 output voltage
V O1
18
V
Power dissipation
P O
500
mW
P tot
550
mW
V iso
T opr
- 20 to + 80
˚C
T stg
- 55 to + 125
˚C
T sol
260
˚C
Total power dissipation
Operating temperature
Storage temperature
*1 Reverse voltage
*2 O1 peak output current
*2 O2 peak output current
*3 Isolation voltage
*4 Soldering temperature
7. Recognized by UL, file No. E64380
5 000
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
g Lead forming type
gg TÜV
( I type ) and taping reel type ( P type ) are also available. ( PC922I/PC922P)
: 5 000V rms )
V rms
*3 40 to 60% RH, AC for 1 minute,
5 O 1
6 O 2
8 VCC
θ = 0 to 13 ˚
1.2 ± 0.3
0.85 ± 0.2
0.5 ± 0.1
2.54 ± 0.25
9.66 ± 0.5
7.62 ± 0.3
0.26 ± 0.1
( VDE 0884 ) approved type is also available as an option.


Similar Part No. - PC922

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC920 SHARP-PC920 Datasheet
150Kb / 5P
Power OPIC Photocoupler
PC921 SHARP-PC921 Datasheet
192Kb / 6P
HIGH POWER OPIC PHOTOCOUPLER
PC923 SHARP-PC923 Datasheet
86Kb / 6P
High Speed Photocoupler for MOS-FET / IGBT Drive
PC923L SHARP-PC923L Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PC923L0NIP SHARP-PC923L0NIP Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
More results

Similar Description - PC922

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
6N138 SHARP-6N138 Datasheet
67Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
PC910X SHARP-PC910X Datasheet
66Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
High Speed, High CMR OPIC Photocoupler
PC921 SHARP-PC921 Datasheet
192Kb / 6P
HIGH POWER OPIC PHOTOCOUPLER
PC942 SHARP-PC942 Datasheet
96Kb / 8P
High Power Output Type OPIC Photocoupler
PC920 SHARP-PC920 Datasheet
150Kb / 5P
Power OPIC Photocoupler
PC923X SHARP-PC923X Datasheet
46Kb / 3P
OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com