Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC922 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC922
Description  High Power OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC922 Datasheet(HTML) 5 Page - Sharp Corporation

  PC922 Datasheet HTML 1Page - Sharp Corporation PC922 Datasheet HTML 2Page - Sharp Corporation PC922 Datasheet HTML 3Page - Sharp Corporation PC922 Datasheet HTML 4Page - Sharp Corporation PC922 Datasheet HTML 5Page - Sharp Corporation PC922 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PC922
0
-25
0.5
100
025
50
75
0.1
0.2
0.3
0.4
0.4A
0.1A
Ambient Temperature
Ambient temperature Ta (˚C)
Fig.14 O 1 Low Level Output Voltage vs.
4.8
0
- 0.1
4.9
- 0.2
- 0.3
- 0.4
- 0.5
- 0.6
5.0
5.1
5.2
5.3
5.4
O2 output currrent I O2 (A)
0.005
0.01
0.4
0.1
1.0
0.02
0.05
0.2
0.5
0.01
0.02
0.05
0.1
0.2
O2 output current I 2 (A)
Fig.17 O2 Low Level Output Voltage vs.
O2 Output Current
4.8
-25
5.4
100
025
50
75
4.9
5.0
5.1
5.2
- 0.4A
- 0.5A
5.3
Ambient Temperature
Ambient temperature T a (˚C)
Fig.16 O2 High Level Output Voltage vs.
0
-25
0.5
100
025
50
75
0.1
0.2
0.3
0.4
0.5A
0.1A
Fig.18 O2
4
4
14
14
6
8
10
12
6
8
10
12
25˚C
80˚C
Supply Voltage
T a = - 20˚C
Supply voltage V CC (V)
V CC =6V
R L2 =10 Ω
IO1= 0.5A
V CC =6V
IO2 = - 0.1A
V CC =6V
IF = 5mA
T a = 25˚C
IO2 = 0.6A
V CC =6V
Fig.15 O 2 High Level Output Voltage vs.
O2 Output Current
Ambient temperature T a (˚C)
V CC =6V
T a = 25˚C
Low Level Output Voltage vs.
Ambient Temperature
Fig.19 High Level Supply Current vs.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com