Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC922 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC922
Description  High Power OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC922 Datasheet(HTML) 6 Page - Sharp Corporation

  PC922 Datasheet HTML 1Page - Sharp Corporation PC922 Datasheet HTML 2Page - Sharp Corporation PC922 Datasheet HTML 3Page - Sharp Corporation PC922 Datasheet HTML 4Page - Sharp Corporation PC922 Datasheet HTML 5Page - Sharp Corporation PC922 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PC922
6
4
16
14
6
8
10
12
8
10
12
14
25˚C
80˚C
Supply Voltage
Supply voltage V CC (V)
0
1
2
3
5
6
5
10152025
0
4
25˚C
- 20˚C
25˚C
- 20˚C
t PHL
t PLH
Fig.21 Propagation Delay Time vs.
Forward Current
Forward current I F ( mA )
T a= 80˚C
T a = 80˚C
0
1
2
3
4
5
0
255075
100
-25
Ambient Temperature
Fig.22 Propagation Delay Time vs.
Ambient temperature T a (˚C)
0.1
0.2
0.2
0.5
1
2
5
10
20
0.5
1
2
5
10
DC
O2 low level output voltage VO2L (V)
I02MAX. ( Pulse )
I02MAX. ( Continuous )
DC ( Ta= 80˚C)
Cathode
+ 5V
Anode
+
GND
O2
O1
VCC
+
Load
6V
E
C
B
Power transistor
module
TTL, microcomputer, etc.
s Precautions for Use
CC
and GND near the device in order to stabilize power supply line.
( 2) Handle this product the same as with other integrated circuits against static electricity.
T a = - 20˚C
V CC =6V
RL1 =5 Ω
RL2 =10 Ω
100ms*
10ms*
1ms *
*
s Application Circuit
V CC =6V
R L1 =5 Ω
R L2 =10 Ω
IF = 5mA
*Single
osc.pulse
T a= 25˚C
Fig.20 Low Level Supply Current vs.
( 1) It is recommended that a by-pass capacitor of more than 0.01
µ F is added between V
Fig.23 O 2 Peak Output Current vs.
O2 Low Level Output Voltage
1s
( 3) As for other general cautions, refer to the chapter “ Precautions for Use ” .
t PLH
t PHL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com