Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSD02N65 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD02N65
Description  2A , 650V , RDS(ON) 8 N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD02N65 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD02N65 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD02N65 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD02N65 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD02N65 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSD02N65
2A , 650V , RDS(ON) 8
N-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
24-Nov-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
650
-
-
V
VGS=0, ID= 250µA
Breakdown Voltage Temperature Coefficient △BVDSS /△TJ
-
0.37
-
V/°C
Reference to 25°C,
ID=1mA
Gate-Threshold Voltage
VGS(th)
2
-
5
V
VDS=VGS, ID=250µA
Forward Transconductance
gfs
-
1.7
-
S
VDS=10V, ID=1.0A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±30V
Drain-Source Leakage Current
IDSS
-
-
2
µA
VDS=520V, VGS=0
Static Drain-Source On-Resistance
2
RDS(ON)
-
6.3
8
VGS=10V, ID=1A
Total Gate Charge
Qg
-
8
-
nC
ID=1A
VDS=520V
VGS=10V
Gate-Source Charge
Qgs
-
2.56
-
Gate-Drain (“Miller”) Change
Qgd
-
2.67
-
Turn-on Delay Time
3
Td(on)
-
4.8
-
nS
VDD=300V
ID=1A
VGS=10V
RG=10
Rise Time
Tr
-
18.4
-
Turn-off Delay Time
Td(off)
-
10.8
-
Fall Time
Tf
-
23.2
-
Input Capacitance
Ciss
-
290
-
pF
VGS =0
VDS=25 V
f =1.0MHz
Output Capacitance
Coss
-
25
-
Reverse Transfer Capacitance
Crss
-
4
-
Guaranteed Avalanche Characteristics
Single Pulse Avalanche Energy
5
EAS
3.2
-
-
mJ
VDD=50V,L=1mH , IAS=1.5A
Source-Drain Diode
Diode Forward Voltage
2
VSD
-
-
1
V
IS=1A, VGS=0, Tj=25°C,
Continuous Source Current
1,6
IS
-
-
2
A
VD=VG=0, VS =1V
Pulsed Source Current
2,6
ISM
-
-
4
A
Notes:
1.
The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2.
The data tested by pulsed , pulse width ≦ 300µs , duty cycle ≦ 2%
3.
The EAS data shows Max. rating . The test condition is VDD=50V,VGS=10V,L=1mH,IAS=1.5A
4.
The power dissipation is limited by 150°C, junction temperature
5.
The Min. value is 100% EAS tested guarantee.
6.
The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com