Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSD02N65 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD02N65
Description  2A , 650V , RDS(ON) 8 N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD02N65 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSD02N65 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD02N65 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD02N65 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD02N65 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SSD02N65
2A , 650V , RDS(ON) 8
N-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
24-Nov-2011 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com