Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC3355 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC3355
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3355 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC3355 Datasheet HTML 1Page - Renesas Technology Corp 2SC3355 Datasheet HTML 2Page - Renesas Technology Corp 2SC3355 Datasheet HTML 3Page - Renesas Technology Corp 2SC3355 Datasheet HTML 4Page - Renesas Technology Corp 2SC3355 Datasheet HTML 5Page - Renesas Technology Corp 2SC3355 Datasheet HTML 6Page - Renesas Technology Corp 2SC3355 Datasheet HTML 7Page - Renesas Technology Corp 2SC3355 Datasheet HTML 8Page - Renesas Technology Corp 2SC3355 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet PU10208EJ01V0DS
2
2SC3355
ELECTRICAL CHARACTERISTICS (TA = +25
°°°°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 10 V, IE = 0 mA
1.0
µA
Emitter Cut-off Current
IEBO
VEB = 1.0 V, IC = 0 mA
1.0
µA
DC Current Gain
hFE
Note 1
VCE = 10 V, IC = 20 mA
50
120
300
RF Characteristics
Gain Bandwidth Product
fT
VCE = 10 V, IC = 20 mA
6.5
GHz
Insertion Power Gain
S21e2 VCE = 10 V, IC = 20 mA, f = 1 GHz
9.5
dB
Noise Figure (1)
NF
VCE = 10 V, IC = 7 mA, f = 1 GHz
1.1
dB
Noise Figure (2)
NF
VCE = 10 V, IC = 40 mA, f = 1 GHz
1.8
3.0
dB
Output Capacitance
Cob
Note 2
VCB = 10 V, IE = 0 mA, f = 1 MHz
0.65
1.0
pF
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
Rank
K
Marking
K
hFE Value
50 to 300



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com