Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC3355 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC3355
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3355 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC3355 Datasheet HTML 1Page - Renesas Technology Corp 2SC3355 Datasheet HTML 2Page - Renesas Technology Corp 2SC3355 Datasheet HTML 3Page - Renesas Technology Corp 2SC3355 Datasheet HTML 4Page - Renesas Technology Corp 2SC3355 Datasheet HTML 5Page - Renesas Technology Corp 2SC3355 Datasheet HTML 6Page - Renesas Technology Corp 2SC3355 Datasheet HTML 7Page - Renesas Technology Corp 2SC3355 Datasheet HTML 8Page - Renesas Technology Corp 2SC3355 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
NPN SILICON RF TRANSISTOR
2SC3355
NPN EPITAXIAL SILICON RF TRANSISTOR
FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
Document No. PU10208EJ01V0DS (1st edition)
(Previous No. P10355EJ3V1DS00)
Date Published April 2003 CP(K)
Printed in Japan
The mark
• shows major revised points.
©
©
©
© NEC Compound Semiconductor Devices 1985, 2003
DESCRIPTION
The 2SC3355 is an NPN silicon epitaxial transistor designed for low noise amplifier at VHF, UHF and CATV band.
It has lange dynamic range and good current characteristic.
FEATURES
• Low noise and high gain
NF = 1.1 dB TYP., Ga = 8.0 dB TYP. @ VCE = 10 V, IC = 7 mA, f = 1 GHz
NF = 1.8 dB TYP., Ga = 9.0 dB TYP. @ VCE = 10 V, IC = 40 mA, f = 1 GHz
• High power gain : MAG = 11 dB TYP. @ VCE = 10 V, IC = 20 mA, f = 1 GHz
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC3355
500 pcs (Non reel)
• 18 mm wide radial taping
2SC3355-T
2.5 kpcs/box (Box type)
• Supplying paper tape with in a box
Remark To order evaluation samples, contact your nearby sales office.
The unit sample quantity is 500 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
100
mA
Total Power Dissipation
Ptot
600
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com