Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC3355 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC3355
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3355 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC3355 Datasheet HTML 2Page - Renesas Technology Corp 2SC3355 Datasheet HTML 3Page - Renesas Technology Corp 2SC3355 Datasheet HTML 4Page - Renesas Technology Corp 2SC3355 Datasheet HTML 5Page - Renesas Technology Corp 2SC3355 Datasheet HTML 6Page - Renesas Technology Corp 2SC3355 Datasheet HTML 7Page - Renesas Technology Corp 2SC3355 Datasheet HTML 8Page - Renesas Technology Corp 2SC3355 Datasheet HTML 9Page - Renesas Technology Corp 2SC3355 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet PU10208EJ01V0DS
4
2SC3355
–90
–100
–80
–70
–60
–40
–50
–30
20
30
40
50
60
70
Collector Current IC (mA)
IM3, IM2 vs. COLLECTOR CURRENT
IM2
IM3
VCE = 10 V
Vo = 100 dB V/50
Ω
Rg = Re = 50
Ω
IM2 : f = 90 + 100 MHz
IM3 : f = 2 × 200 – 190 MHz
µ
7
0
1
2
3
4
5
6
0.5
1
5
10
50 70
Collector Current IC (mA)
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1 GHz
Remark The graphs indicate nominal characteristics.
S-PARAMETERS
S-parameters/Noise parameters are provided on the NEC Compound Semiconductor Devices Web site in a form
(S2P) that enables direct import to a microwave circuit simulator without keyboard input.
Click here to download S-parameters.
[RF and Microwave]
→ [Device Parameters]
URL http://www.csd-nec.com/



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com