Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1153 Datasheet(PDF) 9 Page - ams AG

Part # AS1153
Description  Dual LVDS Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1153 Datasheet(HTML) 9 Page - ams AG

Back Button AS1153 Datasheet HTML 5Page - ams AG AS1153 Datasheet HTML 6Page - ams AG AS1153 Datasheet HTML 7Page - ams AG AS1153 Datasheet HTML 8Page - ams AG AS1153 Datasheet HTML 9Page - ams AG AS1153 Datasheet HTML 10Page - ams AG AS1153 Datasheet HTML 11Page - ams AG AS1153 Datasheet HTML 12Page - ams AG AS1153 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1153
Revision 1.02
9 - 16
AS1153, AS1157
Datasheet - Detailed Descr i p ti on
8 Detailed Description
The AS1153, AS1157 are 260Mbps, dual-channel LVDS receivers intended for high-speed, point-to-point, low-power applications. Each inde-
pendent channel accepts and converts an LVDS input to an LVTTL/LVCMOS output. The devices are capable of detecting differential signals
from 100mV to 1V within an input voltage range of 0 to 2.4V.
The 250 to 450mV differential output of an LVDS driver is nominally centered around 1.25V. Due to the receiver input voltage range, a ±1V volt-
age shift in the signal relative to the receiver is allowed. Thus, a difference in ground references of the transmitter and the receiver, as well as the
common mode effect of coupled noise, can be tolerated.
LVDS Interface
The LVDS Interface Standard is a signaling method defined for point-to-point communication over a controlled-impedance medium as defined by
the ANSI TIA/EIA-644 and IEEE 1596.3 standards. The LVDS standard uses a lower voltage swing than other common communication stan-
dards, resulting in higher data rates, reduced power consumption and EMI emissions, and less susceptibility to noise.
The devices fully comply with the LVDS standard input voltage range of 0 to +2.4V referenced to receiver ground.
The AS1157 has an integrated termination resistors connected internally across each receiver input. This internal termination saves board
space, eases layout, and reduces stub length compared to an external termination resistor. In other words, the transmission line is terminated on
the IC.
Failsafe Circuit
The devices contain an integrated Failsafe circuit to prevent noise at inputs that are open, undriven and terminated, or undriven and shorted.
Open or undriven terminated input conditions can occur if there is a cable failure or when the LVDS driver outputs are high impedance. A short
condition also can occur because of a cable failure. The Failsafe circuit of the AS1153, AS1157 automatically sets the output high if any of these
conditions are true.
The Failsafe input circuit (see Figure 18) samples the input common-mode voltage and compares it to VCC - 0.3V (nominal). If the input is driven
to levels specified in the LVDS standards, the input common-mode voltage is less than VCC - 0.3V and the Failsafe circuit is not activated. If the
inputs are open, undriven and shorted, or undriven and parallel terminated, there is no input current. In this case, a pullup resistor in the Failsafe
circuit pulls both inputs above VCC - 0.3V, activating the Failsafe circuit and thus forcing the device output high.
Figure 18. Failsafe Input Circuit
VCC - 0.3V
RIN2
RIN1
RIN1
RDIFF
AS1157
VCC - 0.3V
RIN2
RIN1
RIN1
AS1153
INx-
OUTx
INx+
INx-
OUTx
INx+
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com