Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1153 Datasheet(PDF) 4 Page - ams AG

Part # AS1153
Description  Dual LVDS Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1153 Datasheet(HTML) 4 Page - ams AG

  AS1153 Datasheet HTML 1Page - ams AG AS1153 Datasheet HTML 2Page - ams AG AS1153 Datasheet HTML 3Page - ams AG AS1153 Datasheet HTML 4Page - ams AG AS1153 Datasheet HTML 5Page - ams AG AS1153 Datasheet HTML 6Page - ams AG AS1153 Datasheet HTML 7Page - ams AG AS1153 Datasheet HTML 8Page - ams AG AS1153 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1153
Revision 1.02
4 - 16
AS1153, AS1157
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
DC Electrical Characteristics
VCC = +3.0 to +3.6V, Differential Input Voltage |VID| = +0.1 to +1.0V, Common-Mode Voltage VCM = |VID/2| to
2.4V - |VID/2|,TAMB = -40°C to +85ºC. Typical values are at VCC = +3.3V, TAMB = +25ºC (unless otherwise specified).
Table 3. DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Temperature Range
TAMB
-40
+85
°C
LVDS Inputs (INx+, INx-)
Differential Input High
Threshold
VTH
100
mV
Differential Input Low
Threshold
VTL
-100
mV
Input Current
1
(AS1153)
1. Current into a pin is defined as positive. Current out of a pin is defined as negative. All voltages are referenced to ground except VTH,
VTL, and VID.
IINx+, IINx-
0.1V
≤ |VID| ≤ 0.6V
-20
20
µA
0.6V
≤ |VID| ≤ 1.0V
-25
25
µA
Differential Input Resistance
(AS1157)
RDIFF
VCC = 3.6V or 0, Figure 18 on page 9
90
107
132
Ω
Differential Input Resistance
(AS1153)
RDIFF
2
2. 2xRIN = RDIFF
VCC = 3.6V or 0, Figure 18 on page 9
40
100
k
Ω
LVCMOS/LVTTL Outputs (OUTx)
Output High Voltage
(Table 5)
VOH
IOH = -4.0mA
(AS1153)
Open, undriven short, or undriven 100
Ω
parallel termination
2.7
3.2
V
VID = +100mV
2.7
3.2
IOH = -4.0mA
(AS1157)
Open or undriven short
2.7
3.2
VID = +100mV
2.7
3.2
Output Low Voltage
VOL
IOL = +4.0mA, VID = -100mV
0.1
0.25
V
Output Short-Circuit
Current
3
3. Short only one output at a time. Do not exceed the absolute maximum junction temperature specification.
Note:
All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality
Control) methods.
IOS
VID = 100mV, VOUTx = 0
15
mA
Supply
Supply Current
ICC
Inputs open
0.6
2
mA
|VID| = 200mV
4.5
8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com